Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EP08 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EP08
Szczegółowy opis  3.3V / 5V ECL 2-Input Differential XOR/XNOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP08 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EP08 Datasheet HTML 1Page - ON Semiconductor MC100EP08 Datasheet HTML 2Page - ON Semiconductor MC100EP08 Datasheet HTML 3Page - ON Semiconductor MC100EP08 Datasheet HTML 4Page - ON Semiconductor MC100EP08 Datasheet HTML 5Page - ON Semiconductor MC100EP08 Datasheet HTML 6Page - ON Semiconductor MC100EP08 Datasheet HTML 7Page - ON Semiconductor MC100EP08 Datasheet HTML 8Page - ON Semiconductor MC100EP08 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 6
1
Publication Order Number:
MC10EP08/D
MC10EP08, MC100EP08
3.3V / 5V ECL 2-Input
Differential XOR/XNOR
Description
The MC10/100EP08 is a differential XOR/XNOR gate. The EP08 is
ideal for applications requiring the fastest AC performance available.
The 100 Series contains temperature compensation.
Features
250 ps Typical Propagation Delay
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Q Output Will Default LOW with Inputs Open or at VEE
These are Pb−Free Devices
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
H
= MC10
K
= MC100
5J
= MC10
2Y
= MC100
D
= Date Code
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
HP08
ALYWG
G
KP082
ALYWG
G
1
8
1
8
1
8
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
1
8
HEP08
ALYWG
G
1
8
KEP08
ALYWG
G
1
8
DFN8
MN SUFFIX
CASE 506AA
5J DG
G
1
4
2Y DG
G
1
4
(Note: Microdot may be in either location)


Podobny numer części - MC100EP08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP08 ONSEMI-MC100EP08 Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC100EP08D ONSEMI-MC100EP08D Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC100EP08D ONSEMI-MC100EP08D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results

Podobny opis - MC100EP08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com