Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC79M12 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC79M12
Szczegółowy opis  500 mA Negative Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79M12 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC79M12 Datasheet HTML 1Page - ON Semiconductor MC79M12 Datasheet HTML 2Page - ON Semiconductor MC79M12 Datasheet HTML 3Page - ON Semiconductor MC79M12 Datasheet HTML 4Page - ON Semiconductor MC79M12 Datasheet HTML 5Page - ON Semiconductor MC79M12 Datasheet HTML 6Page - ON Semiconductor MC79M12 Datasheet HTML 7Page - ON Semiconductor MC79M12 Datasheet HTML 8Page - ON Semiconductor MC79M12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC79M00 Series
http://onsemi.com
5
Protection Diodes
When external capacitors are used with MC79M00 series
regulator it is sometimes necessary to add protection diodes
to prevent the capacitors from discharging through low
current points into the regulator or from output polarity
reversals
. Generally, no protection diode is required for
values of output capacitance less then 10
mF. Figure 2 shows
the MC79M15 with the recommended protection diodes.
Opposite Polarity Protection
Diode D1 protects the regulator from output polarity
reversals during startup, power off and short-circuit
operation.
Reverse-bias Protection
Diode D2 prevents output capacitor from discharging thru
the MC79M15 during an input short circuit or fast switch off
of power supply.
Figure 2. Protection Diodes
Gnd
Gnd
+
-20 V
Input
-15 V
Output
MC79M15
+
1.0
mF
1.0
mF
MBRS140
or Equiv
D1
MBRS140
or Equiv
D2


Podobny numer części - MC79M12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC79M12 ONSEMI-MC79M12 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M12BDT MOTOROLA-MC79M12BDT Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M12BDT ONSEMI-MC79M12BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
Motorola, Inc
MC79M12BDT-1 MOTOROLA-MC79M12BDT-1 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC79M12BDTG ONSEMI-MC79M12BDTG Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results

Podobny opis - MC79M12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com