Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001S Arkusz danych(PDF) 1 Page - Continental Device India Limited

Numer części 1N4001S
Szczegółowy opis  STANDARD RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4001S Arkusz danych(HTML) 1 Page - Continental Device India Limited

  1N4001S Datasheet HTML 1Page - Continental Device India Limited 1N4001S Datasheet HTML 2Page - Continental Device India Limited 1N4001S Datasheet HTML 3Page - Continental Device India Limited 1N4001S Datasheet HTML 4Page - Continental Device India Limited 1N4001S Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STANDARD RECOVERY RECTIFIERS
1N4001S - 1N4007S
A-405
Axial Lead Plastic
Package
These Axial Lead
ed Rectifiers are used for General-Purpose Low-Power Applications
ABSOLUTE MAXIMUM RATINGS (Ta = 25ºC)
SYMBOL
1N
4001S
1N
4002S
1N
4003S
1N
4004S
1N
4005S
1N
4006S
1N
4007S
UNIT
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
VRSM
60
120
240
480
720
1000
1200
V
VR(RMS)
35
70
140
280
420
560
700
V
IO
A
IFSM
A
Rth (j-a)
ºC/W
StorageTemperature Range
Tstg
ºC
Operating Junction Temperature
Tj
ºC
1N4001_07Rev020606D
DESCRIPTION
Non-Repetitive Peak Reverse Voltage
(halfwave, single phase, 60Hz)
RMS Reverse Voltage
Thermal Resistance from Junction to
Ambient in free air
50
Peak Repetitive Reverse Voltage Working
Peak Reverse Voltage DC Blockng Voltage
Average Rectified Current at Half Wave
0.375" Lead Length at Ta = 75ºC
Non-Repetitive Peak Surge Current 8.3ms
single half sine-wave superimposed on
rated Load
1.0
30
-65 to +175
- 65 to +175
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Podobny numer części - 1N4001S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4001S DIOTEC-1N4001S Datasheet
141Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4001S DIOTECH-1N4001S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Transys Electronics
1N4001S TRSYS-1N4001S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Podobny opis - 1N4001S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Digitron Semiconductors
A14A DIGITRON-A14A Datasheet
106Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
   STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
   STANDARD RECOVERY RECTIFIERS
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIERS
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
   STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com