Zakładka z wyszukiwarką danych komponentów |
|
LCD10-48S12W Arkusz danych(PDF) 1 Page - RSG Electronic Components GmbH |
|
LCD10-48S12W Arkusz danych(HTML) 1 Page - RSG Electronic Components GmbH |
1 / 3 page Page 1 of 3 www.pduke.com 2013/6/7 LCD10W SERIES 10 WATTS DC-DC CONVERTER INPUT SPECIFICATIONS Input voltage range 24VDC nominal input 48VDC nominal input 9 ~ 36VDC 18 ~ 75VDC Input surge voltage 24VDC input 48VDC input 50VDC 1sec, max. 100VDC 1sec, max. Input reflected ripple current 30mAp-p Start up time Nominal input and constant resistive load Power up Remote ON/OFF 30ms, max. 30ms, max. Start-up voltage 24VDC input 48VDC input 9VDC, max. 18VDC, max. Shutdown voltage 24VDC input 48VDC input 8VDC 16VDC Remote ON/OFF (Note 7) Positive logic(Option) Negative logic(Standard) DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Open or 3 V < Vr < 15V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3V < Vr < 15V Input current of Remote control pin Nominal input -0.5mA~1.0mA Remote off state input current Nominal input 2.5mA ENVIRONMENTAL SPECIFICATIONS Operating ambient temperature -40 ℃ to +85℃ (with derating) Maximum case temperature +105ºC Storage temperature range -55ºC ~ +125ºC Thermal impedance (Note 8) Natural convection Natural convection with heat-sink 16.18 ℃/Watt 15.13 ℃/Watt Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH EMC CHARACTERISTICS EMI (Note 9) EN55022 Class A, Class B ESD EN61000-4-2 Air Contact ± 8kV ± 6kV Perf. Criteria A Radiated immunity EN61000-4-3 10 V/m Perf. Criteria A Fast transient (Note 10) EN61000-4-4 ± 2kV Perf. Criteria A Surge (Note 10) EN61000-4-5 ± 1kV Perf. Criteria A Conducted immunity EN61000-4-6 3 Vr.m.s Perf. Criteria A OUTPUT SPECIFICATIONS Output power (Rated) 10 Watts With Trim up 10% 11 Watts Output power (Maximum) With Trim up 20% 12 Watts Voltage accuracy ±1% Minimum load 0% 3.3 & 12Vout ± 10% Voltage adjustability Single (Note 6) Others +20%, -10% Line regulation LL to HL at Full Load Single Dual ± 0.2% ± 0.5% No Load to Full Load Single Dual ± 0.2% ± 1.0% Load regulation 10% Load to 90%Load Single Dual ± 0.1% ± 0.8% Cross regulation Asymmetrical load 25%/100% FL Dual ± 5% Ripple and noise 20MHz bandwidth (Note 4) See table Temperature coefficient ±0.02% / ºC, max. Transient response recovery time 25% load step change 250µs Over voltage protection 3.3VDC output 5VDC output 12VDC output 15VDC output 24VDC output 3.7VDC~5.4VDC 6.3VDC~7.4VDC 13.5VDC~19.6VDC 18.3VDC~22.0VDC 29.1VDC~32.5VDC Over load protection % of FL at nominal input 150% Short circuit protection Continuous, automatics recovery GENERAL SPECIFICATIONS Efficiency See table Isolation voltage Input to Output Input(Output) to Case 1600VDC, min. 1minute 1000VDC, min. 1minute Isolation resistance 500VDC 10 9 ohms, min. Isolation capacitance 1500pF, max. Switching frequency 330kHz±10% Design meets safety standard IEC60950-1, UL60950-1, EN60950-1 Case material Copper Base material FR4 PCB Potting material Epoxy (UL94-V0) Dimensions 1.0 X 1.0 X 0.39 Inch (25.4 X 25.4 X 9.9mm) Weight 16.5g(0.58oz) MTBF (Note 1) BELLCORE TR-NWT-000332 MIL-HDBK-217F 1.756x10 6hrs 1.111x10 6hrs T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted FEATURES • 10 WATTS MAXIMUM OUTPUT POWER • ULTRA LOW QUIESCENT CURRENT • SINGLE OUTPUT UP TO 3A • SMALL SIZE AND LOW PROFILE: : : :1.0 x 1.0 x 0.39 INCH • HIGH EFFICIENCY UP TO 91% • 4:1 ULTRA WIDE INPUT VOLTAGE RANGE • SIX-SIDED CONTINUOUS SHIELD • FIXED SWITCHING FREQUENCY • INPUT TO OUTPUT ISOLATION:1600VDC • BUILT-IN EN55022 CLASS B FILTER • CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC • SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1 • COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU OPTIONS Positive logic Remote ON/OFF, Without trim , Without CTRL pin DESCRIPTION LCD10W DC/DC converters provide up to 10 watts of output power in an industry standard package and footprint. These units are specifically designed to meet the power needs of low profile. All models feature with 4:1 ultra wide input voltage of 9~36 VDC and 18~75VDC, comprehensively protected against over-current, over- voltage and input under-voltage protection conditions, and trimmable output voltage. The converter can meet EN55022 Class B with an external capacitor only. APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment |
Podobny numer części - LCD10-48S12W |
|
Podobny opis - LCD10-48S12W |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |