Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM4406M-G1 Arkusz danych(PDF) 7 Page - Diodes Incorporated

Numer części AM4406M-G1
Szczegółowy opis  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4406M-G1 Arkusz danych(HTML) 7 Page - Diodes Incorporated

Back Button AM4406M-G1 Datasheet HTML 3Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 4Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 5Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 6Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 7Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 8Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 9Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 10Page - Diodes Incorporated AM4406M-G1 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
AM4406/4406F
Data Sheet
7
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Supply Current vs. Supply Voltage
Figure 5. Output Voltage vs. Output Current
Figure 6. RD/FG Current vs. RD/FG Supply Voltage
Figure 7. RD/FG Low Voltage vs. RD/FG Current
0
5
10
15
20
25
30
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
No Load
0
2040
6080
100
10.0
10.4
10.8
11.2
11.6
12.0
Output Current (mA)
V
CC=12V
04
8
12
0
10
20
30
40
50
RD/FG Supply Voltage (V)
V
CC=12V
048
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
RD/FG Current (mA)
V
CC=12V


Podobny numer części - AM4406M-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4406M-E1 BCDSEMI-AM4406M-E1 Datasheet
194Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
More results

Podobny opis - AM4406M-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4406 BCDSEMI-AM4406 Datasheet
194Kb / 12P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
Diodes Incorporated
AM4406 DIODES-AM4406_18 Datasheet
189Kb / 9P
   2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6506F ROHM-BA6506F Datasheet
139Kb / 5P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6406F ROHM-BA6406F_1 Datasheet
234Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6901F ROHM-BA6901F_1 Datasheet
252Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com