Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM4951RMPTR-G1 Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części AM4951RMPTR-G1
Szczegółowy opis  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4951RMPTR-G1 Arkusz danych(HTML) 5 Page - Diodes Incorporated

  AM4951RMPTR-G1 Datasheet HTML 1Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 2Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 3Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 4Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 5Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4951RMPTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951/R/2
Apr. 2012
Rev. 1. 4
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (Note 1, TA=25ºC)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
28
V
Peak Output Current
IOUT
500
mA
FG/RD Pull-up Voltage
VFG/VRD
28
V
FG/RD Output Current
IFG/IRD
10
mA
Thermal Resistance
(Junction to Ambient)
θ
JA
MSOP-8
205
°C/W
PSOP-8
110
MSOP-10
195
Thermal Resistance
(Junction to Case)
θ
JC
MSOP-8
48
°C/W
PSOP-8
36
MSOP-10
46
Power Dissipation
PD
MSOP-8
585
mW
PSOP-8
960
mW
MSOP-10
585
mW
Operating Temperature
TOP
-40 to 125
ºC
Storage Temperature
TSTG
-55 to 150
ºC
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.2
24
V
Hall Input Voltage
VICM
0
VCC-1.5
V
Operating Ambient Temperature
TA
-40
105
ºC


Podobny numer części - AM4951RMPTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4951RMPTR-G1 BCDSEMI-AM4951RMPTR-G1 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
AM4951RMPTR-G1 BCDSEMI-AM4951RMPTR-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Podobny opis - AM4951RMPTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com