Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU406D Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części BU406D
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BU406D Arkusz danych(HTML) 2 Page - Savantic, Inc.

  BU406D Datasheet HTML 1Page - Savantic, Inc. BU406D Datasheet HTML 2Page - Savantic, Inc. BU406D Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU406D BU407D
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BU406D
200
VCEO(SUS)
Collector-emitter
sustaining voltage
BU407D
IC=100mA ; IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=5A ;IB=0.65A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=5A ;IB=0.65A
1.3
V
BU406D
VCE=400V; VBE=-1.5V
ICEV
Collector
cut-off current
BU407D
VCE=330V; VBE=-1.5V
15
mA
IEBO
Emitter cut-off current
VEB=6.0V; IC=0
400
mA
hFE
DC current gain
IC=2A ; VCE=5V
15
VF
Diode forward voltage
IF=5A
1.5
V
fT
Transition frequency
IC=0.5A ;VCE=10V;f=1.0MHz
10
MHz
tf
Fall time
IC=5A ;VCC=40V
IBend=0.65A
0.75
µs


Podobny numer części - BU406D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BU406D MOSPEC-BU406D Datasheet
107Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Wing Shing Computer Com...
BU406D WINGS-BU406D Datasheet
22Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(HIGH VOLTAGE SWITCHING USE IN HORIZONTAL DEFLECTION OUTPUT STAGE)
logo
Boca Semiconductor Corp...
BU406D BOCA-BU406D Datasheet
113Kb / 3P
   NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BU406D ISC-BU406D Datasheet
67Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BU406D NJSEMI-BU406D Datasheet
132Kb / 2P
   Silicon NPN Power Transistor
More results

Podobny opis - BU406D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com