Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT125S14-13 Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części 74HCT125S14-13
Szczegółowy opis  QUADRUPLE 3-STATE BUFFERS OE LOW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT125S14-13 Arkusz danych(HTML) 5 Page - Diodes Incorporated

  74HCT125S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74HCT125
Document number: DS35336 Rev. 3 - 2
5 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT125
Ordering Information
Device
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74HCT125S14-13
S14
SO-14
2500/Tape & Reel
-13
74HCT125T14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74HCT125S14
SO-14
74HCT125T14
TSSOP-14


Podobny numer części - 74HCT125S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT125 PHILIPS-74HCT125 Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT125 NEXPERIA-74HCT125 Datasheet
239Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 7 - 4 February 2021
74HCT125-Q100 NEXPERIA-74HCT125-Q100 Datasheet
238Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 3 - 4 February 2021
logo
NXP Semiconductors
74HCT125D PHILIPS-74HCT125D Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74HCT125D NXP-74HCT125D Datasheet
192Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 4-10 January 2013
More results

Podobny opis - 74HCT125S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com