Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT125S14-13 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74HCT125S14-13
Szczegółowy opis  QUADRUPLE 3-STATE BUFFERS OE LOW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT125S14-13 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74HCT125S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74HCT125
Document number: DS35336 Rev. 3 - 2
1 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT125
QUADRUPLE 3-STATE BUFFERS OE LOW
Description
The 74HCT125 provides provides four independent buffer gates with
3-state outputs. Each buffer has a separate enable pin that if driven
with a high logic level places the corresponding output in the high
impedance state. The device is designed for operation with a power
supply range of 4.5V to 5.5V.
Features
Wide Supply Voltage Range from 4.5V to 5.5V
Pin Compatible with Low Power Schottky (LSTTL)
Inputs Are TTL Voltage Level Compatible
Sinks or Sources 4mA at VCC = 4.5V
CMOS Low Power Consumption
Schmitt Trigger Action at All Inputs
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Range of Package Options SO-14 and TSSOP-14
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Pin Assignments
1
3
2
4
5
6
7
1OE
1Y
1A
2A
2Y
GND
13
14
12
11
10
9
8
4OE
4Y
4A
3A
3OE
3Y
Vcc
( Top View )
2OE
SO-14 / TSSOP-14
Applications
General Purpose Logic
Wide array of products such as:
PCs, networking, notebooks, netbooks
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Podobny numer części - 74HCT125S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT125 PHILIPS-74HCT125 Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT125 NEXPERIA-74HCT125 Datasheet
239Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 7 - 4 February 2021
74HCT125-Q100 NEXPERIA-74HCT125-Q100 Datasheet
238Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 3 - 4 February 2021
logo
NXP Semiconductors
74HCT125D PHILIPS-74HCT125D Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74HCT125D NXP-74HCT125D Datasheet
192Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 4-10 January 2013
More results

Podobny opis - 74HCT125S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com