Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT125S14-13 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74HCT125S14-13
Szczegółowy opis  QUADRUPLE 3-STATE BUFFERS OE LOW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT125S14-13 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74HCT125S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT125S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HCT125
Document number: DS35336 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT125
Switching Characteristics
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Max
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 50pF
4.5V
15
25
31
38
ns
tEN
Enable Time
OEN to YN
15
28
35
42
ns
tDIS
DisableTime
OEN to YN
15
25
31
38
ns
tt
Transition Time
5
12
15
18
ns
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 5.5V
Unit
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
24
pF
CI
Input Capacitance
VI = VCC – or GND
3.5
pF
Parameter Measurement Information
VCC
Inputs
VM
VLOAD
CL
RL
V∆
VI
tr/tf
4.5V
1.5V
≤6ns
3.0V
2 X VCC
50pF
2KΩ
10% of VCC
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz
C. The inputs are measured one at a time with one transition per measurement.
D. For the open drain device tPLZ and tPZL are the same as tPD
E. tPZL is measured at VM.
D. tPLZ is measured at VOL +V
F. A Thevenin equivalent load may be used in place of VCC X 2 and resistor divider
Figure 1 Load Circuit and Voltage Waveforms
TEST
Condition
tPLZ (see Notes D and E)
tPZL(see Notes D and F)
Vload
Vload


Podobny numer części - 74HCT125S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT125 PHILIPS-74HCT125 Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HCT125 NEXPERIA-74HCT125 Datasheet
239Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 7 - 4 February 2021
74HCT125-Q100 NEXPERIA-74HCT125-Q100 Datasheet
238Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 3 - 4 February 2021
logo
NXP Semiconductors
74HCT125D PHILIPS-74HCT125D Datasheet
42Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74HCT125D NXP-74HCT125D Datasheet
192Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 4-10 January 2013
More results

Podobny opis - 74HCT125S14-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com