Zakładka z wyszukiwarką danych komponentów |
|
74AHC125T14-13 Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
74AHC125T14-13 Arkusz danych(HTML) 2 Page - Diodes Incorporated |
2 / 9 page 74AHC125 Document number: DS35345 Rev. 3 - 2 2 of 9 www.diodes.com January 2013 © Diodes Incorporated 74AHC125 Pin Descriptions Pin Number Pin Name Function 1 1OE Data Enable Input (active low) 2 1A Data Input 3 1Y Data Output 4 2OE Data Enable Input (active low) 5 2A Data Input 6 2Y Data Output 7 GND Ground 8 3Y Data Output 9 3A Data Input 10 3OE Data Enable Input (active low) 11 4Y Data Output 12 4A Data Input 13 4OE Data Enable Input (active low) 14 VCC Supply Voltage Function Table Inputs Output OE A Y L H H L L L H X Z Logic Diagram Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.) Symbol Description Rating Unit ESD HBM Human Body Model ESD Protection 2 KV ESD CDM Charged Device Model ESD Protection 1 KV ESD MM Machine Model ESD Protection 200 V VCC Supply Voltage Range -0.5 to +7.0 V VI Input Voltage Range -0.5 to +7.0 V IIK Input Clamp Current VI < -0.5V -20 mA IOK Output Clamp Current VO < -0.5V -20 mA IOK Output Clamp Current VO > VCC + 0.5V 25 mA IO Continuous Output Current -0.5V < VO VCC +0.5V +/- 25 mA ICC Continuous Current Through VCC 75 mA IGND Continuous Current Through GND -75 mA TJ Operating Junction Temperature -40 to +150 °C TSTG Storage Temperature -65 to +150 °C PTOT Total Power Dissipation 500 mW Note: 4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values. |
Podobny numer części - 74AHC125T14-13 |
|
Podobny opis - 74AHC125T14-13 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |