Zakładka z wyszukiwarką danych komponentów |
|
LFA10F-15 Arkusz danych(PDF) 5 Page - RSG Electronic Components GmbH |
|
LFA10F-15 Arkusz danych(HTML) 5 Page - RSG Electronic Components GmbH |
5 / 18 page LFA-6 LFA30F AC-DC Power Supplies Open Frame/ Enclosed type LF A 30 F - □ - □ Ordering information 1 2 3 4 5 6 1Series name 2Single output 3Output wattage 4Universal input 5Output voltage 6Optional C : with Coating G : Low leakage current J1: VH(J.S.T.)connector type S : with Chassis SN: with Chassis & cover Y: with Potentiometer Specification is changed at option, refer to Instruction Manual. This power supply is manufactured by SMD technology. The stress to P.C.B like twisting or bending causes the defect of the unit, so handle the unit with care. MODEL LFA30F-3R3-Y LFA30F-5 LFA30F-12 LFA30F-15 LFA30F-24 MAX OUTPUT WATTAGE[W] 19.8 30.0 30.0 30.0 31.2 DC OUTPUT 3.3V 6A 5V 6A 12V 2.5A 15V 2A 24V 1.3A SPECIFICATIONS MODEL LFA30F-3R3-Y LFA30F-5 LFA30F-12 LFA30F-15 LFA30F-24 INPUT VOLTAGE[V] AC85 - 264 1 f (Refer to Instruction Manual 1.1 and 3.2) *3 CURRENT[A] ACIN 100V 0.50typ (Io=100%) 0.65typ (Io=100%) ACIN 200V 0.30typ (Io=100%) 0.35typ (Io=100%) FREQUENCY[Hz] 50 / 60 (47 - 440) EFFICIENCY[%] ACIN 100V 73typ 76typ 79typ 81typ 82typ ACIN 200V 75typ 79typ 81typ 83typ 84typ INRUSH CURRENT[A] ACIN 100V 15typ (Io=100%) (At cold start) (Ta=25C) ACIN 200V 30typ (Io=100%) (At cold start) (Ta=25C) LEAKAGE CURRENT[mA] 0.30 / 0.65max (ACIN 100V / 240V 60Hz, Io=100%, According to IEC60950-1 and DEN-AN) OUTPUT VOLTAGE[V] 3.3 5 12 15 24 CURRENT[A] 6.0 6.0 2.5 2.0 1.3 LINE REGULATION[mV] *5 20max 20max 48max 60max 96max LOAD REGULATION[mV] *5 40max 40max 100max 120max 150max RIPPLE[mVp-p] 0 to +50C*1 80max 80max 120max 120max 120max -10 - 0C *1 140max 140max 160max 160max 160max RIPPLE NOISE[mVp-p] 0 to +50C*1 120max 120max 150max 150max 150max -10 - 0C *1 160max 160max 180max 180max 180max TEMPERATURE REGULATION[mV] 0 to +50C 50max 50max 120max 150max 240max -10 to +50C 60max 60max 150max 180max 290max DRIFT[mV] *2 20max 20max 48max 60max 96max START-UP TIME[ms] 150typ (ACIN 100V, Io=100%) HOLD-UP TIME[ms] 20typ (ACIN 100V, Io=100%) OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 to 3.63 Fixed ( Y option is available for adjusting output voltage between ±10%) OUTPUT VOLTAGE SETTING[V] 3.30 to 3.40 4.90 to 5.30 11.50 to 12.50 14.40 to 15.60 23.00 to 25.00 PROTECTION CIRCUIT AND OTHERS OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically OVERVOLTAGE PROTECTION 4.00 to 5.25 5.75 to 7.00 13.80 to 16.80 17.25 to 21.00 27.60 to 33.60 OPERATING INDICATION Not provided REMOTE SENSING Not provided REMOTE ON/OFF Not provided ISOLATION INPUT-OUTPUT AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) INPUT-FG AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) OUTPUT-FG AC500V 1minute, Cutoff current = 25mA, DC500V 50M W min (At Room Temperature) ENVIRONMENT OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +70 C, 20 - 90%RH (Non condensing) (Refer to Instruction Manual 3.2), 3,000m (10,000feet) max *3 STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75 C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max VIBRATION 10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis IMPACT 196.1m/s2 (20G), 11ms, once each X, Y and Z axis SAFETY AND NOISE REGULATIONS AGENCY APPROVALS UL60950-1, C-UL (CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN CONDUCTED NOISE Complies with FCC-B, VCCI-B, CISPR-B, EN55011-B, EN55022-B CE MARKING Low Voltage Directive, EMC Directive HARMONIC ATTENUATOR Complies with IEC61000-3-2 (Class A) *6 (Not built-in to active filter) *4 OTHERS CASE SIZE/WEIGHT 50 X26.5X105mm [1.97X1.04X4.13 inches] (WXHXD) / 130g max (without chassis and cover) COOLING METHOD Convection (Refer to Instruction Manual 3.1 and 3.2) *3 *1 This is the value that measured on measuring board with capacitor of 22 mF at 150mm from output terminal. Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM103). *2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25 C, with the input voltage held constant at the rated input/output. *3 Derating is required. *4 When two or more units are operating it may not comply with the IEC61000-3-2. Please contact us for details. *5 Please contact us about dynamic load and input response. *6 Please contact us about another class. * To meet the specifications. Do not operate over-loaded condition. * Parallel operation is not possible. * Derating is required when operated with chassis and cover. * Sound noise may be generated by power supply in case of pulse load. Recommended EMI/EMC Filter NAC-04-472 High voltage pulse noise type : NAP series Low leakage current type : NAM series *The EMI/EMC Filter is recommended to connect with several devices. LFA |
Podobny numer części - LFA10F-15 |
|
Podobny opis - LFA10F-15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |