Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7910PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7910PBF
Szczegółowy opis  Ultra-Low Gate Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7910PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7910PBF Datasheet HTML 1Page - International Rectifier IRF7910PBF Datasheet HTML 2Page - International Rectifier IRF7910PBF Datasheet HTML 3Page - International Rectifier IRF7910PBF Datasheet HTML 4Page - International Rectifier IRF7910PBF Datasheet HTML 5Page - International Rectifier IRF7910PBF Datasheet HTML 6Page - International Rectifier IRF7910PBF Datasheet HTML 7Page - International Rectifier IRF7910PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
07/21/08
IRF7910PbF
HEXFET® Power MOSFET
Notes
 through „ are on page 8
Thermal Resistance
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
12
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
10
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
7.9
A
IDM
Pulsed Drain Current

79
PD @TA = 25°C
Maximum Power Dissipation
„
2.0
W
PD @TA = 70°C
Maximum Power Dissipation
„
1.3
W
Linear Derating Factor
16
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
SO-8
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on)
l Fully Characterized Avalanche Voltage
and Current
l High Frequency 3.3V and 5V input Point-
of-Load Synchronous Buck Converters for
Netcom and Computing Applications
l Power Management for Netcom,
Computing and Portable Applications
l Lead-Free
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
42
RθJA
Junction-to-Ambient
„
–––
62.5
°C/W
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
VDSS
RDS(on) max
ID
12V
15m
Ω @VGS = 4.5V
10A
PD - 95336A


Podobny numer części - IRF7910PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7910PBF IRF-IRF7910PBF Datasheet
131Kb / 8P
   HEXFET Power MOSFET
IRF7910PBF IRF-IRF7910PBF Datasheet
229Kb / 8P
   HEXFET Power MOSFET
IRF7910PBF IRF-IRF7910PBF Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRF7910PBF-1 IRF-IRF7910PBF-1 Datasheet
201Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7910PBF-1 IRF-IRF7910PBF-1_15 Datasheet
201Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Podobny opis - IRF7910PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
   Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
   Ultra-Low Gate Impedance
logo
International Rectifier
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com