Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC1G09SE-7 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74AHC1G09SE-7
Szczegółowy opis  SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G09SE-7 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74AHC1G09SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 8Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74AHC1G09
Document number: DS35735 Rev. 2 - 2
1 of 9
www.diodes.com
March 2013
© Diodes Incorporated
74AHC1G09
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Description
The 74AHC1G09 is a single 2-input positive AND gate with an open
drain output. The device is designed for operation with a power
supply range of 2.0V to 5.5V. The open-drain output can be
connected to other open drain outputs to implement active-low wired-
OR or active-high wired-AND functions.
The gate performs the
positive Boolean function:
B
A
Y
or
B
A
Y
A pull-up resistor is required to achieve a high output state.
Features
Supply Voltage Range from 2.0V to 5.5V
8mA sink current at 5.0 V
CMOS low power consumption
Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for
Slower Input Rise and Fall Time.
ESD Protection per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 100mA per JESD 78, Class II
SOT25 and SOT353: Assembled with “Green” Molding
Compound (no Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
SOT25 / SOT353
A
GND
Y
Vcc
(Top View)
5
4
3
2
1
B
Applications
General Purpose Logic
Wide array of products such as:
PCs, networking, notebooks, netbooks, PDAs
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Descriptions
Pin Name
Pin NO.
Function
A
1
Data Input
B
2
Data Input
GND
3
Ground
Y
4
Data Output
VCC
5
Supply Voltage


Podobny numer części - 74AHC1G09SE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
   2-input AND gate with open-drain output
Rev. 01-26 September 2005
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
   2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Nexperia B.V. All right...
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
logo
NXP Semiconductors
74AHC1G09-Q100 NXP-74AHC1G09-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
More results

Podobny opis - 74AHC1G09SE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AUP1G09 DIODES-74AUP1G09 Datasheet
202Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
logo
Unisonic Technologies
U74LVC1G09 UTC-U74LVC1G09 Datasheet
183Kb / 5P
   SINGLE 2-INPUT POSITIVE-AND GATE WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74AHC1G09 TI1-SN74AHC1G09_16 Datasheet
898Kb / 20P
[Old version datasheet]   Single 2?밒nput Positive-AND Gate With Open-Drain Output
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1_V01 Datasheet
1,002Kb / 22P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
REVISED OCTOBER 2023
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1 Datasheet
816Kb / 19P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
MAY 2023
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com