Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM470R1B1M-HT Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SM470R1B1M-HT
Szczegółowy opis  16/32-BIT RISC FLASH MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1M-HT Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SM470R1B1M-HT Datasheet HTML 4Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 5Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 6Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 7Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 8Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 9Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 10Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 11Page - Texas Instruments SM470R1B1M-HT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
SM470R1B1M
SM470R1B1M-HT
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
www.ti.com
HFQ OR HKP PACKAGE
Figure 1. SM470R1B1M 84-Pin CQFP-HFQ/HKP (Top View)
Pin Assignments
The SM470R1B1M 84-pin HFQ ceramic quad flatpack (CQFP) pin assignments are shown in Figure 1.
Features
The reduced pin count version of SM470R1B1M has the following features.
Communication interfaces
Two serial peripheral interface
Two serial communication interface
Two high-end CAN controllers
Two inter- integrated circuit (I2C) modules
4-channel, 10-bit multi-buffered ADC
High-end timer lite (HET) controlling seven programmable I/O channels
Eight general purpose I/O’s
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated


Podobny numer części - SM470R1B1M-HT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM470R1B1M-HT TI1-SM470R1B1M-HT Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1M-HT TI1-SM470R1B1M-HT_15 Datasheet
803Kb / 79P
[Old version datasheet]   16-/32-Bit RISC Flash Microcontroller
More results

Podobny opis - SM470R1B1M-HT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com