Zakładka z wyszukiwarką danych komponentów |
|
2SK2053 Arkusz danych(PDF) 1 Page - NEC |
|
2SK2053 Arkusz danych(HTML) 1 Page - NEC |
1 / 6 page © 1996 DATA SHEET MOS FIELD EFFECT TRANSISTOR 2SK2053 The 2SK2053 is an N-channel vertical MOS FET. Because it can be driven by a voltage as low as 1.5 V and it is not necessary to consider a drive current, this FET is ideal as an actuator for low-current portable systems such as headphone stereos and video cameras. FEATURES • New package intermediate between small signal and power types • Gate can be driven by 1.5 V • Low ON resistance RDS(on) = 0.40 Ω MAX. @ VGS = 1.5 V, ID = 1.0 A RDS(on) = 0.12 Ω MAX. @ VGS = 4.0 V, ID = 2.5 A ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C) PARAMETER SYMBOL TEST CONDITIONS RATING UNIT Drain to Source Voltage VDSS VGS = 0 16 V Gate to Source Voltage VGSS VDS = 0 ±7.0 V Drain Current (DC) ID(DC) ±5.0 A Drain Current (Pulse) ID(pulse) PW ≤ 10 ms, duty cycle ≤ 50 % ±10.0 A Total Power Dissipation PT 7.5 cm2 × 0.7 mm ceramic substrate used 2.0 W Channel Temperature Tch 150 ˚C Operating Temperature Topt –20 to +60 ˚C Storage Temperature Tstg –55 to +150 ˚C Document No. D11224EJ2V0DS00 (2nd edition) Date Published June 1996 P Printed in Japan PACKAGE DIMENSIONS (in mm) 2.0 ±0.2 5.7 ±0.1 0.5 ±0.1 2.1 4.2 0.5 ±0.1 0.85 ±0.1 SD G 1.5 ±0.1 0.4 ±0.05 Marking: NA1 EQUIVALENT CURCUIT Source (S) Internal diode Gate protection diode Gate (G) Drain (D) PIN CONNECTIONS S: D: G: Source Drain Gate N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING |
Podobny numer części - 2SK2053 |
|
Podobny opis - 2SK2053 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |