Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2433-FT Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SI2433-FT
Szczegółowy opis  V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI2433-FT Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SI2433-FT Datasheet HTML 1Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 2Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 3Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 4Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 5Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI2433-FT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Rev. 1.2 8/06
Copyright © 2006 by Silicon Laboratories
Si2456/33/14
Patents pending
Ordering Information
This data sheet is valid only for
those chipset combinations listed
on page 69.
Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Si2456/33/14
CLKIN/XTALI
XTALO
CLKOUT/EECS/A0
D6
VD3.3
GND
VDA
RTS/D7
RXD/RD
TXD/WR
CTS/CS
RESET
AOUT/INT
INT/D0
RI/D1
EESD/D2
VDB
GND
VD3.3
C1A
ESC/D3
DCD/D4
ISOB
EECLK/D5
QE2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DCT
IGND
C1B
RNG1
RNG2
QB
QE
VREG
VREG2
REF
REXT2
REXT
RX
FILT
FILT2
1
Si3015
Si2456/33/14
V. 90, V. 34, V. 32 BIS IS O MODE M ® C HIPSET WITH I NTEGRA TED G LOBAL DAA
Features
Applications
Description
The Si2456 is a complete, ITU-V.90-compliant, 56 kbps modem chipset
with integrated direct access arrangement (DAA) that provides a
programmable line interface to meet global telephone line requirements
with a single design. Available in two small packages, it eliminates the
need for a separate DSP data pump, external RAM and ROM, modem
controller, codec, isolation transformer, relays, opto-isolators, and 2- to 4-
wire hybrid. The ISOmodem® chipset is ideal for embedded modem
applications due to its small board space, low power consumption, and
global compliance. The Si2433 and Si2414 products offer all the same
features as the Si2456 with connect rates of up to 33.6 kbps and
14.4 kbps, respectively.
Functional Block Diagram
Data modem formats
ITU-T, Bell
300 bps up to 56 kbps
V.42, V.42bis, MNP2-5
Automatic rate negotiation
Caller ID decode
3.3 V power
No external ROM or RAM required
UART with flow control
AT command set support
Integrated DAA
Over 5000 V capacitive isolation
Parallel phone detect
Globally-compliant line interface
Overcurrent detection
Fast connect
Parallel interface
Call progress support
Firmware upgradeable
Set-top boxes
E-mail terminals
Point-of-sale terminals
Digital video recorders
Security systems
Remote monitoring
Serial
Interface
Parallel
Interface
Microcontroller
DSP
DAA
Interface
RAM/ROM
PLL
Clocking
CLKIN/XTALI
XTALO
CLKOUT
RXD
TXD
CTS
RTS
DCD
ESC
RI
INT
RESET
C1A
To Phone
Line
AOUT
Data Bus
CS
WR
RD
A0
D0-D7
ISOB


Podobny numer części - SI2433-FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI2433 SILABS-SI2433 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
More results

Podobny opis - SI2433-FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
   V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2456-FT SILABS-SI2456-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM짰 CHIPSET WITH INTEGRATED GLOBAL DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com