Zakładka z wyszukiwarką danych komponentów |
|
2SK3339-01 Arkusz danych(PDF) 1 Page - Fuji Electric |
|
2SK3339-01 Arkusz danych(HTML) 1 Page - Fuji Electric |
1 / 4 page 1 Item Symbol Rating Unit Drain-source voltage VDS 500 Continuous drain current ID ±27 Pulsed drain current ID(puls] ±108 Gate-source voltage VGS ±30 Repetitive or non-repetitive IAR *2 27 Maximum Avalanche Energy EAV*1 914 Max. power dissipation PD 400 Operating and storage Tch +150 temperature range Tstg Electrical characteristics (Tc =25°C unless otherwise specified) Thermalcharacteristics 2SK3339-01 FUJI POWER MOS-FET N-CHANNEL SILICON POWER MOS-FET Features High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof Applications Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters Equivalent circuit schematic Maximum ratings and characteristicAbsolute maximum ratings (Tc=25°C unless otherwise specified) Item Symbol Test Conditions Zero gate voltage drain current IDSS VDS=500V VGS=±30V ID=13.5A VGS=10V ID=13.5A VDS=25V VCC=300V ID=27A VGS=10V RGS=10 Ω Min. Typ. Max. Units V V µA mA nA Ω S pF nC A V ns µC ns Min. Typ. Max. Units Thermal resistance Rth(ch-c) channel to case Rth(ch-a) channel to ambient 0.3125 50.0 °C/W °C/W Symbol V(BR)DSS VGS(th) IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Item Drain-source breakdown voltaget Gate threshold voltage Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total gate charge Gate-Source charge Gete-Drain charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS Tch=25°C VGS=0V Tch=125°C VDS=0V VDS=25V VGS=0V f=1MHz Vcc=250V ID=27A VGS=10V L=2.30mH Tch=25°C IF=2xIDR VGS=0V Tch=25°C IF=IDR VGS=0V -di/dt=100A/µs Tch=25°C V A A V A mJ W °C *1 L=2.30mH, Vcc=50V *2 Tch=150°C 500 2.5 3.0 3.5 10 500 0.2 1.0 10 100 0.16 0.2 11 22 4300 6450 630 945 285 430 40 60 145 220 315 475 150 225 198 300 38 60 81 125 27 1.2 1.8 660 15.0 -55 to +150 < Gate(G) Source(S) Drain(D) |
Podobny numer części - 2SK3339-01 |
|
Podobny opis - 2SK3339-01 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |