Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4961 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM4961
Szczegółowy opis  Ceramic Speaker Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4961 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM4961_14 Datasheet HTML 1Page - Texas Instruments LM4961_14 Datasheet HTML 2Page - Texas Instruments LM4961_14 Datasheet HTML 3Page - Texas Instruments LM4961_14 Datasheet HTML 4Page - Texas Instruments LM4961_14 Datasheet HTML 5Page - Texas Instruments LM4961_14 Datasheet HTML 6Page - Texas Instruments LM4961_14 Datasheet HTML 7Page - Texas Instruments LM4961_14 Datasheet HTML 8Page - Texas Instruments LM4961_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
2
3
4
5
6
7
8
9 10 11 12 13 14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SW-OUT
Bypass
Shutdown 2
VDD
NC
Shutdown 1
GND
BW2
BW1
Band-SW
VIN
CCHG
NC
NC
LM4961, LM4961LQBD
www.ti.com
SNAS242J – AUGUST 2004 – REVISED MARCH 2007
LM4961
Ceramic Speaker Driver
Check for Samples: LM4961, LM4961LQBD
1
FEATURES
DESCRIPTION
The LM4961 is an audio power amplifier primarily
2
Click and Pop Circuitry Eliminates Noise
designed for driving Ceramic Speaker for applications
During Turn-On and Turn-Off Transitions
in Cell Phone and PDAs. It integrates a boost
Low Current Shutdown Mode
converter, with variable output voltage, with an audio
Low Quiescent Current
power amplifier. It is capable of driving 15Vp-p in BTL
mode to 2uF+ 30 ohms load, continuous average
Mono 15Vp-p BTL Output, RL = 2μF+30Ω, f =
power, with less than 1% distortion (THD+N) from a
1kHz
3.2VDC power supply.
Thermal Shutdown Protection
Boomer
audio
power
amplifiers
were
designed
Unity-Gain Stable
specifically to provide high quality output power with a
External Gain Configuration Capability
minimal
number
of
external
components.
The
LM4961 does not require bootstrap capacitors, or
Including Band Exchange SW
snubber circuits therefore it is ideally suited for
Including Leakage Cut SW
portable applications requiring high voltage output to
drive capacitive loads like Ceramic Speakers. The
APPLICATIONS
LM4961 features a low-power consumption shutdown
mode. Additionally, the LM4961 features an internal
Cellphone
thermal shutdown protection mechanism.
PDA
The LM4961 contains advanced pop & click circuitry
KEY SPECIFICATIONS
that eliminates noises which would otherwise occur
during turn-on and turn-off transitions.
Quiescent Power Supply Current: 7mA (typ)
The
LM4961
is
unity-gain
stable
and
can
be
Voltage Swing in BTL at 1% THD: 15Vp-p (typ)
configured by external gain-setting resistors.
Shutdown current: 0.1
μA (typ)
Connection Diagram
Figure 1. LM4961LQ (5x5) (Top View)
See Package Number NJB0028A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM4961_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4961LQ NSC-LM4961LQ Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961LQ/NOPB TI1-LM4961LQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
More results

Podobny opis - LM4961_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com