Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2362 Arkusz danych(PDF) 1 Page - NEC

Numer części 2SK2362
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK2362 Arkusz danych(HTML) 1 Page - NEC

  2SK2362 Datasheet HTML 1Page - NEC 2SK2362 Datasheet HTML 2Page - NEC 2SK2362 Datasheet HTML 3Page - NEC 2SK2362 Datasheet HTML 4Page - NEC 2SK2362 Datasheet HTML 5Page - NEC 2SK2362 Datasheet HTML 6Page - NEC 2SK2362 Datasheet HTML 7Page - NEC 2SK2362 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT TRANSISTORS
DESCRIPTION
The 2SK2361/2SK2362 is N-Channel MOS Field Effect Transistor
designed for high voltage switching applications.
FEATURES
Low On-Resistance
2SK2361: RDS (on) = 0.9
Ω (VGS = 10 V, ID = 5.0 A)
2SK2362: RDS (on) = 1.0
Ω (VGS = 10 V, ID = 5.0 A)
Low Ciss
Ciss = 1050 pF TYP.
High Avalanche Capability Ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Drain to Source Voltage (2SK2361/2SK2362)
VDSS
450/500
V
Gate to Source Voltage
VGSS
±30
V
Drain Current (DC)
ID (DC)
±10
A
Drain Current (pulse)*
ID (pulse)
±40
A
Total Power Dissipation (Tc = 25 ˚C)
PT1
100
W
Total Power Dissipation (TA = 25 ˚C)
PT2
3.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150 ˚C
Single Avalanche Current**
IAS
10
A
Single Avalanche Energy**
EAS
142
mJ
*
PW
≤ 10
µs, Duty Cycle ≤ 1 %
** Starting Tch = 25 ˚C, RG = 25
Ω, VGS = 20 V → 0
2SK2361/2SK2362
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. TC-2502
(O. D. No. TC-8061)
Date Published December 1994 P
Printed in Japan
PACKAGE DIMENSIONS
(in millimeter)
1.0±0.2
123
1. Gate
2. Drain
3. Source
4. Fin (Drain)
MP-88
4
15.7 MAX.
3.2±0.2
2.8±0.1
0.6±0.1
2.2±0.2
5.45
5.45
4.7 MAX.
1.5
Body
Diode
Source
Drain
Gate
©
1995
DATA SHEET


Podobny numer części - 2SK2362

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK2360 NEC-2SK2360 Datasheet
122Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK2360 RENESAS-2SK2360 Datasheet
257Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
2SK2361 RENESAS-2SK2361 Datasheet
297Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
logo
NEC
2SK2363 NEC-2SK2363 Datasheet
115Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK2363 ISC-2SK2363 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK2362

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com