Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4995 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM4995
Szczegółowy opis  1.3 W Audio Power Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4995 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM4995 Datasheet HTML 5Page - Texas Instruments LM4995 Datasheet HTML 6Page - Texas Instruments LM4995 Datasheet HTML 7Page - Texas Instruments LM4995 Datasheet HTML 8Page - Texas Instruments LM4995 Datasheet HTML 9Page - Texas Instruments LM4995 Datasheet HTML 10Page - Texas Instruments LM4995 Datasheet HTML 11Page - Texas Instruments LM4995 Datasheet HTML 12Page - Texas Instruments LM4995 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OUTPUT POWER (mW)
0
200
400
600
800
1000 1200
0
100
400
500
600
700
300
200
OUTPUT POWER (mW)
0
100
200
300
400
500
600
0
50
200
250
300
350
150
100
FREQUENCY (Hz)
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
50 100 200
500 1k
2k
5k 10k
OUTPUT POWER (mW)
0
50
100
150
200
250
300
350
0
50
100
150
200
250
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k
2k
5k 10k
FREQUENCY (Hz)
-100
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k
2k
5k 10k
FREQUENCY (Hz)
LM4995, LM4995TMBD
www.ti.com
SNAS329F – APRIL 2006 – REVISED NOVEMBER 2009
Typical Performance Characteristics (continued)
PSRR
PSRR
vs
vs
Frequency
Frequency
VDD = 3V, RL = 8Ω
VDD = 3.6V, RL = 8Ω
PSRR
Power Dissipation
vs
vs
Frequency
Output Power
VDD = 5V, RL = 8Ω
VDD = 3V, RL = 8Ω
Power Dissipation
Power Dissipation
vs
vs
Output Power
Output Power
VDD = 3.6V, RL = 8Ω
VDD = 5V, RL = 8Ω
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4995 LM4995TMBD


Podobny numer części - LM4995

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
LM4995 NSC-LM4995 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
logo
Texas Instruments
LM4995 TI-LM4995 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995SD/NOPB TI-LM4995SD/NOPB Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995TM/NOPB TI-LM4995TM/NOPB Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
More results

Podobny opis - LM4995

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4995 TI-LM4995_15 Datasheet
954Kb / 22P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com