Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12DC080 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADC12DC080
Szczegółowy opis  Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC080 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADC12DC080_14 Datasheet HTML 4Page - Texas Instruments ADC12DC080_14 Datasheet HTML 5Page - Texas Instruments ADC12DC080_14 Datasheet HTML 6Page - Texas Instruments ADC12DC080_14 Datasheet HTML 7Page - Texas Instruments ADC12DC080_14 Datasheet HTML 8Page - Texas Instruments ADC12DC080_14 Datasheet HTML 9Page - Texas Instruments ADC12DC080_14 Datasheet HTML 10Page - Texas Instruments ADC12DC080_14 Datasheet HTML 11Page - Texas Instruments ADC12DC080_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12DC080
SNAS405B – SEPTEMBER 2007 – REVISED NOVEMBER 2008
www.ti.com
Logic and Power Supply Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA
TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Symbol
Parameter
Conditions
Typical (3)
Limits
(Limits)
DIGITAL INPUT CHARACTERISTICS (CLK, PD_A,PD_B)
VIN(1)
Logical “1” Input Voltage
VD = 3.3V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 3.0V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 3.3V
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
DIGITAL OUTPUT CHARACTERISTICS (DA0-DA11,DB0-DB11,DRDY)
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA , VDR = 2.4V
2.0
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA, VDR = 2.4V
0.4
V (max)
+ISC
Output Short Circuit Source Current
VOUT = 0V
−10
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
10
mA
COUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
IA
Analog Supply Current
Full Operation
200
233
mA (max)
IDR
Digital Output Supply Current
Full Operation (4)
26
mA
Power Consumption
Excludes IDR
(4)
600
700
mW (max)
Power Down Power Consumption
PD_A=PD_B=VA
30
mW
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 under Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes above
2.6V or below GND as described in the Operating Ratings section.
(2)
With a full scale differential input of 2VP-P , the 12-bit LSB is 488 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C11 x
f11) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: ADC12DC080


Podobny numer części - ADC12DC080_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12DC080CISQ NSC-ADC12DC080CISQ Datasheet
343Kb / 14P
   Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
More results

Podobny opis - ADC12DC080_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
   Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_14 Datasheet
570Kb / 24P
[Old version datasheet]   Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
   Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
[Old version datasheet]   80 MSPS A/D Converter with CMOS Outputs
ADC12DC105 TI1-ADC12DC105 Datasheet
390Kb / 22P
[Old version datasheet]   ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Hittite Microwave Corpo...
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
   Dual 13/12-Bit 65/80 MSPS A/D Converter
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com