Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3018 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części SI3018
Szczegółowy opis  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI3018 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI3018 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
Si3056
Si3018/19/10
6
Rev. 1.05
Figure 1. Test Circuit for Loop Characteristics
Table 2. Loop Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, see Figure 1)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL =20mA, MINI = 11,
ILIM = 0, DCV = 00, DCR = 0
——
6.0
V
DC Termination Voltage
VTR
IL = 120 mA, MINI = 11,
ILIM = 0, DCV = 00, DCR = 0
9—
V
DC Termination Voltage
VTR
IL =20mA, MINI = 00,
ILIM = 0, DCV = 11, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL = 120 mA, MINI = 00,
ILIM = 0, DCV = 11, DCR = 0
9—
V
DC Termination Voltage
VTR
IL =20mA, MINI = 00,
ILIM = 1, DCV = 11, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL =60mA, MINI = 00,
ILIM = 1, DCV = 11, DCR = 0
40
V
DC Termination Voltage
VTR
IL =50mA, MINI = 00,
ILIM = 1, DCV = 11, DCR = 0
——
40
V
On Hook Leakage Current
ILK
VTR =–48 V
5
µA
Operating Loop Current
ILP
MINI = 00, ILIM = 0
10
120
mA
Operating Loop Current
ILP
MINI = 00, ILIM = 1
10
60
mA
DC Ring Current
DC current flowing through ring
detection circuitry
—1.5
3
µA
Ring Detect Voltage*
VRD
RT = 0
13.5
15
16.5
Vrms
Ring Detect Voltage*
VRD
RT = 1
19.35
21.5
23.65
Vrms
Ring Frequency
FR
13
68
Hz
Ringer Equivalence Number
REN
0.2
*Note: The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected
above the maximum.
TIP
RING
+
V
TR
600
10
µF
I
L
Si3018


Podobny numer części - SI3018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Silicon Laboratories
SI3018 SILABS-SI3018 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3018 SILABS-SI3018 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
Si3018 SILABS-Si3018 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3018 SKYWORKS-SI3018 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Podobny opis - SI3018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com