Zakładka z wyszukiwarką danych komponentów |
|
CS57-04A Arkusz danych(PDF) 1 Page - Fuji Electric |
|
CS57-04A Arkusz danych(HTML) 1 Page - Fuji Electric |
1 / 2 page Fast Recovery High Voltage Silicon Rectifiers Repetitive peak reverse voltage VRRM Average forward current Io* Non-repetitive peak surge current IFSM** Maximum forward voltage drop (at 10mA, Ta = 25°°°°C) VFM Maximum reverse current, repetitive (at VRRM, Ta = 25°°°°C) IRRM Maximum Junction Capacitance (at VRRM=0V, Ta = 25°°°°C) @ 1MHz Part Number kV mA A Volts µµµµA pf CS57-04A 4 15 CS54-06A 6 24 CS54-08A 8 25 1.0 30 2 CS52-10A 10 36 CS52-12A 12 45 CS52-14A 14 51 CS53-16A 16 60 CS53-18A 18 66 CS53-20A 20 75 CS56-24 24 10 0.5 75 1 1 Special Notes: *Single phase, half sine wave in oil bath or filled epoxy at ambient temperature = 25°C. **1/2 cycle, 60Hz at full load. Storage and Operating Junction Temperature, Tj = -65°C to +150°C. Packaging: Bulk or tape & reel available (please specify). Reverse Recovery Time = 80nsec max. @ Ta = 25°C, IF =2mA, IR = 1 mA. (“A” type) Reverse Recovery Time = 100nsec max. @ Ta = 25°C, IF =2mA, IR = 1 mA. (Non “A” type) Collmer Semiconductor Inc. Collmer Semiconductor Inc. Collmer Semiconductor Inc. Collmer Semiconductor Inc. PO Box 702708 • DALLAS, TEXAS 75370 • PH 972/733-1700 • FAX 972/380-2126 e-mail: sales@collmer.com / www.collmer.com HV4 •••• October, 2000 1K Ω 150K Ω 100 Ω 0.01 µF D.U.T. To Oscilloscope VR IF = 2mA IR = 2mA 0 1mA trr |
Podobny numer części - CS57-04A |
|
Podobny opis - CS57-04A |