Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC14L020 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADC14L020
Szczegółowy opis  14-Bit, 20 MSPS, 150 mW A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14L020 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADC14L020_14 Datasheet HTML 4Page - Texas Instruments ADC14L020_14 Datasheet HTML 5Page - Texas Instruments ADC14L020_14 Datasheet HTML 6Page - Texas Instruments ADC14L020_14 Datasheet HTML 7Page - Texas Instruments ADC14L020_14 Datasheet HTML 8Page - Texas Instruments ADC14L020_14 Datasheet HTML 9Page - Texas Instruments ADC14L020_14 Datasheet HTML 10Page - Texas Instruments ADC14L020_14 Datasheet HTML 11Page - Texas Instruments ADC14L020_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADC14L020
SNAS325C – JUNE 2005 – REVISED MARCH 2006
www.ti.com
Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 20 MHz, fIN = 10 MHz at -0.5dBFS, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle
Stabilizer On. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
fIN = 1 MHz
74
dBc
SNR
Signal-to-Noise Ratio
fIN =10 MHz
74
72.3
dBc
fIN = 1 MHz
74
dBc
SINAD
Signal-to-Noise Ratio and Distortion
fIN = 10 MHz
74
72.2
dBc
fIN = 1 MHz
12
Bits
ENOB
Effective Number of Bits
fIN = 10 MHz
12
11.7
Bits
fIN = 1 MHz
-90
dBc
THD
Total Harmonic Disortion
fIN = 10 MHz
-90
-80
dBc
fIN = 1 MHz
-97
dBc
H2
Second Harmonic Distortion
fIN = 10 MHz
-97
-81
dBc
fIN = 1 MHz
-96
dBc
H3
Third Harmonic Distortion
fIN = 10 MHz
-96
-81
dBc
fIN = 1 MHz
93
dBc
SFDR
Spurious Free Dynamic Range
fIN = 10 MHz
93
81
dBc
fIN = 4.8 MHz and 5.2 MHz, each = −6.5
IMD
Intermodulation Distortion
−76
dBFS
dBFS
8
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Links: ADC14L020


Podobny numer części - ADC14L020_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020CIVY NSC-ADC14L020CIVY Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020CIVY/NOPB TI1-ADC14L020CIVY/NOPB Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020EVAL NSC-ADC14L020EVAL Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L020EVAL NSC-ADC14L020EVAL Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
More results

Podobny opis - ADC14L020_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com