Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2413 Arkusz danych(PDF) 2 Page - NEC

Numer części 2SK2413
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK2413 Arkusz danych(HTML) 2 Page - NEC

  2SK2413 Datasheet HTML 1Page - NEC 2SK2413 Datasheet HTML 2Page - NEC 2SK2413 Datasheet HTML 3Page - NEC 2SK2413 Datasheet HTML 4Page - NEC 2SK2413 Datasheet HTML 5Page - NEC 2SK2413 Datasheet HTML 6Page - NEC 2SK2413 Datasheet HTML 7Page - NEC 2SK2413 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2413
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-Resistance
RDS(on)1
50
70
VGS = 10 V, ID = 5.0 A
Drain to Source On-Resistance
RDS(on)2
70
95
VGS = 4 V, ID = 5.0 A
Gate to Source Cutoff Voltage
VGS(off)
1.0
1.6
2.0
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
7.0
12
VDS = 10 V, ID = 5.0 A
Drain Leakage Current
IDSS
±10
VDS = 60 V, VGS = 0
Gate to Source Leakage Current
IGSS
±10
VGS =
±20 V, VDS = 0
Input Capacitance
Ciss
860
VDS = 10 V
Output Capacitance
Coss
440
VGS = 0
Reverse Transfer Capacitance
Crss
110
f = 1 MHz
Turn-On Delay Time
td(on)
15
ID = 5.0 A
Rise Time
tr
90
VGS(on) = 10 V
Turn-Off Delay Time
td(off)
75
VDD = 30 V
Fall Time
tf
30
RG = 10
Total Gate Charge
QG
24
ID = 20 A
Gate to Source Charge
QGS
3.0
VDD = 48 V
Gate to Drain Charge
QGD
6.0
VGS = 10 V
Body Diode Forward Voltage
VF(S-D)
1.0
IF = 10 A, VGS = 0
Reverse Recovery Time
trr
95
IF = 10 A, VGS = 0
Reverse Recovery Charge
Qrr
250
di/dt = 100 A/
µs
Test Circuit 1 Avalanche Capability
Test Circuit 2 Switching Time
RG = 25
50
PG
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
RG = 10
D.U.T.
PG.
0
t
RL
VDD
VGS
t = 1 s
Duty Cycle
≤ 1 %
ID
0
0
10 %
10 %
90 %
90 %
10 %
90 %
ID
VGS (on)
td (off)
td (on)
ton
toff
tf
tr
Test Circuit 3 Gate Charge
D.U.T.
RL
VDD
50
IG = 2 mA
PG.
VDD
VGS
RG
D.U.T.
VGS
Wave
Form
ID
Wave
Form
µ
UNIT
m
m
V
S
µA
µA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
nC
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.


Podobny numer części - 2SK2413

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK2413 ISC-2SK2413 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2413 RENESAS-2SK2413 Datasheet
309Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1994
More results

Podobny opis - 2SK2413

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com