Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10080 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADC10080
Szczegółowy opis  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10080 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC10080_14 Datasheet HTML 3Page - Texas Instruments ADC10080_14 Datasheet HTML 4Page - Texas Instruments ADC10080_14 Datasheet HTML 5Page - Texas Instruments ADC10080_14 Datasheet HTML 6Page - Texas Instruments ADC10080_14 Datasheet HTML 7Page - Texas Instruments ADC10080_14 Datasheet HTML 8Page - Texas Instruments ADC10080_14 Datasheet HTML 9Page - Texas Instruments ADC10080_14 Datasheet HTML 10Page - Texas Instruments ADC10080_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADC10080
www.ti.com
SNAS177G – MAY 2004 – REVISED FEBRUARY 2008
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for VSSA = VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN = 2 VP-P,
STBY = 0V, VREF = 1.20V (External), fCLK = 80 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits apply for TA = TMIN to
TMAX: all other limits TA = 25°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLK, DF, STBY, SENSE
Logical “1” Input Voltage
2
V
Logical “0” Input Voltage
0.8
V
Logical “1” Input Current
+10
µA
Logical “0” Input Current
−10
µA
D0–D9 OUTPUT CHARACTERISTICS
Logical “1” Output Voltage
IOUT = −0.5 mA
VDDIO−0.2
V
Logical “0” Output Voltage
IOUT = 1.6 mA
0.4
V
DYNAMIC CONVERTER CHARACTERISTICS (4)
9.3
9.5
Bits
fIN = 10.0 MHz
9.1
ENOB
Effective Number of Bits
9.3
9.5
Bits
fIN = 39 MHz
8.9
58.5
59.5
dB
fIN = 10.0 MHz
57.7
SNR
Signal-to-Noise Ratio
58.0
59.2
dB
fIN = 39 MHz
57.0
58.0
dB
fIN = 10.0 MHz
59.2
56.3
SINAD
Signal-to-Noise Ratio + Distortion
57.6
dB
fIN = 39 MHz
59.0
55.6
−74.1
fIN = 10.0 MHz
−87.0
dBc
−68.7
2nd HD
2nd Harmonic
−69.5
fIN = 39 MHz
−82
dBc
−62.7
−65
fIN = 10.0 MHz
−72.3
dBc
−58.6
3rd HD
3rd Harmonic
−64.7
fIN = 39 MHz
−74.5
dBc
−57.6
−65
fIN = 10.0 MHz
−72.3
dB
−58.6
Total Harmonic Distortion (First 6
THD
Harmonics)
−64.7
fIN = 39 MHz
−74.5
dB
−57.6
−70.8
fIN = 10.0 MHz
−78.7
dBc
−68.2
Spurious Free Dynamic Range
SFDR
(Excluding 2nd and 3rd Harmonic)
−72
fIN = 39 MHz
−78.8
dBc
−68
(1)
To guarantee accuracy, it is required that |VDDA–VDDIO| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(2)
With the test condition for 2 VP-P differential input, the 10-bit LSB is 1.95 mV.
(3)
Typical figures are at TA = TJ = 25°C and represent most likely parametric norms. Test limits are guaranteed to National's AOQL
(Average Outgoing Quality Level).
(4)
Optimum dynamic performance will be obtained by keeping the reference input at +1.2V.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC10080


Podobny numer części - ADC10080_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
More results

Podobny opis - ADC10080_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com