Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1220 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS1220
Szczegółowy opis  Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1220 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1220_14 Datasheet HTML 4Page - Texas Instruments ADS1220_14 Datasheet HTML 5Page - Texas Instruments ADS1220_14 Datasheet HTML 6Page - Texas Instruments ADS1220_14 Datasheet HTML 7Page - Texas Instruments ADS1220_14 Datasheet HTML 8Page - Texas Instruments ADS1220_14 Datasheet HTML 9Page - Texas Instruments ADS1220_14 Datasheet HTML 10Page - Texas Instruments ADS1220_14 Datasheet HTML 11Page - Texas Instruments ADS1220_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CLK
DGND
AVSS
AIN3/REFN1
AIN2
REFN0
REFP0
AIN1
AIN0/REFP1
AVDD
DVDD
DRDY
DOUT/DRDY
DIN
SCLK
CS
ADS1220
SBAS501A – MAY 2013 – REVISED JULY 2013
www.ti.com
PW PACKAGE
TSSOP-16
(TOP VIEW)
PIN DESCRIPTIONS (TSSOP PACKAGE)
ANALOG OR DIGITAL
NAME
PIN NO.
INPUT/OUTPUT
DESCRIPTION
SCLK
1
Digital input
Serial clock input
CS
2
Digital input
Chip select; active low
CLK
3
Digital input
External clock source pin; connect to DGND if not used
DGND
4
Digital
Digital ground
AVSS
5
Analog
Negative analog power supply
AIN3/REFN1
6
Analog input
Differential or single-ended input; negative reference input
AIN2
7
Analog input
Differential or single-ended input
REFN0
8
Analog input
Negative reference input
REFP0
9
Analog input
Positive reference input
AIN1
10
Analog input
Differential or single-ended input
AIN0/REFP1
11
Analog input
Differential or single-ended input; positive reference input
AVDD
12
Analog
Positive analog power supply
DVDD
13
Digital
Positive digital power supply
DRDY
14
Digital output
Data ready; active low
DOUT/DRDY
15
Digital output
Serial data output combined with data ready; active low
DIN
16
Digital input
Serial data input
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS1220


Podobny numer części - ADS1220_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
More results

Podobny opis - ADS1220_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
   Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1255 TI1-ADS1255 Datasheet
1,000Kb / 45P
[Old version datasheet]   Very Low Noise, 24-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1256 BURR-BROWN-ADS1256 Datasheet
427Kb / 39P
   Very Low Noise, 24-Bit Analog-to-Digital Converter
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com