Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1231 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części ADS1231
Szczegółowy opis  24-Bit Analog-to-Digital Converter for Bridge Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1231 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS1231_14 Datasheet HTML 1Page - Texas Instruments ADS1231_14 Datasheet HTML 2Page - Texas Instruments ADS1231_14 Datasheet HTML 3Page - Texas Instruments ADS1231_14 Datasheet HTML 4Page - Texas Instruments ADS1231_14 Datasheet HTML 5Page - Texas Instruments ADS1231_14 Datasheet HTML 6Page - Texas Instruments ADS1231_14 Datasheet HTML 7Page - Texas Instruments ADS1231_14 Datasheet HTML 8Page - Texas Instruments ADS1231_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADS1231
SBAS414C – JULY 2009 – REVISED DECEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or visit the device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS1231
UNIT
AVDD to GND
–0.3 to +6
V
DVDD to GND
–0.3 to +6
V
100, momentary
mA
Input current
10, continuous
mA
Analog input voltage to GND
–0.3 to AVDD + 0.3
V
Digital input voltage to GND
–0.3 to DVDD + 0.3
V
Human body model (HBM)
±2000
V
JEDEC standard 22, test method A114-C.01, all pins
ESD(2)
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
Maximum junction temperature
+150
°C
Operating temperature range
–40 to +85
°C
Storage temperature range
–60 to +150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD sensitive device. Precaution should be used when handling the device in order to prevent permanent damage.
THERMAL INFORMATION
ADS1231
THERMAL METRIC(1)
SOIC (D)
UNITS
16 PINS
qJA
Junction-to-ambient thermal resistance
79.5
qJCtop
Junction-to-case (top) thermal resistance
37.5
qJB
Junction-to-board thermal resistance
37.1
°C/W
yJT
Junction-to-top characterization parameter
5.6
yJB
Junction-to-board characterization parameter
36.7
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Podobny numer części - ADS1231_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1231ID TI1-ADS1231ID Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231ID TI1-ADS1231ID Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ADS1231IDR TI1-ADS1231IDR Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231REF TI1-ADS1231REF Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
More results

Podobny opis - ADS1231_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com