Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1259 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1259
Szczegółowy opis  Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1259 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS1259 Datasheet HTML 7Page - Texas Instruments ADS1259 Datasheet HTML 8Page - Texas Instruments ADS1259 Datasheet HTML 9Page - Texas Instruments ADS1259 Datasheet HTML 10Page - Texas Instruments ADS1259 Datasheet HTML 11Page - Texas Instruments ADS1259 Datasheet HTML 12Page - Texas Instruments ADS1259 Datasheet HTML 13Page - Texas Instruments ADS1259 Datasheet HTML 14Page - Texas Instruments ADS1259 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
250
200
150
100
50
0
50
100
150
200
250
-
-
-
-
-
V
(V)
REF
5.0
0.5
1.0
1.5
2.0
2.5
VREFNInputCurrent
(VREFP=AVDD)
VREFPInputCurrent
(VREFN=AVSS)
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
175
200
225
250
-
-
-
-
-
-
-
-
-
-
Temperature( C)
°
125
-55
-35
-15
5
25
45
65
85
105
VREFPInputCurrent
VREFNInputCurrent
0.010
0.008
0.006
0.004
0.002
0
0.002
0.004
0.006
0.008
0.010
-
-
-
-
-
Time(s)
6
0
1
2
3
4
C
=1 FX7R
m
REFIN
5
130
128
126
124
122
120
Temperature( C)
°
125
-55
-35
-15
5
25
45
65
85
105
InternalOscillator
ExternalCrystal
7.50
7.45
7.40
7.35
7.30
7.25
7.20
Temperature( C)
°
125
-55
-35
-15
5
25
45
65
85
105
ADS1259
www.ti.com
SBAS424C – JUNE 2009 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = 3.3V, VREF = 2.5V, VREFN = AVSS, fCLK = 7.3728MHz, and
fDATA = 60SPS, unless otherwise noted.
REFERENCE INPUT CURRENT vs TEMPERATURE
REFERENCE INPUT CURRENT vs REFERENCE VOLTAGE
Figure 26.
Figure 27.
DIFFERENTIAL INPUT IMPEDANCE vs TEMPERATURE
INTERNAL REFERENCE SETTLING TIME
Figure 28.
Figure 29.
INTERNAL OSCILLATOR vs TEMPERATURE
Figure 30.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1259


Podobny numer części - ADS1259

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
ADS1259BIPW TI-ADS1259BIPW Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259BIPW TI1-ADS1259BIPW Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
More results

Podobny opis - ADS1259

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1259 TI-ADS1259 Datasheet
574Kb / 45P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259 TI1-ADS1259_12 Datasheet
1Mb / 48P
[Old version datasheet]   Industrial, 14kSPS, 24-Bit Analog-to-Digital Converter with Low-Drift Reference
ADS1259-Q1 TI1-ADS1259-Q1 Datasheet
744Kb / 16P
[Old version datasheet]   ADS1259-Q1 Automotive, 14.4-kSPS, 24-Bit Analog-to-Digital Converter With Integrated Low-Drift Reference
logo
Burr-Brown (TI)
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com