Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1278 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1278
Szczegółowy opis  Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS1278 Datasheet HTML 1Page - Texas Instruments ADS1278 Datasheet HTML 2Page - Texas Instruments ADS1278 Datasheet HTML 3Page - Texas Instruments ADS1278 Datasheet HTML 4Page - Texas Instruments ADS1278 Datasheet HTML 5Page - Texas Instruments ADS1278 Datasheet HTML 6Page - Texas Instruments ADS1278 Datasheet HTML 7Page - Texas Instruments ADS1278 Datasheet HTML 8Page - Texas Instruments ADS1278 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ADS1274
ADS1278
www.ti.com
SBAS367F
– JUNE 2007 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS
All specifications at TA = –40°C to +105°C, AVDD = +5V, DVDD = +1.8V, IOVDD = +3.3V, fCLK = 27MHz, VREFP = 2.5V,
VREFN = 0V, and all channels active, unless otherwise noted.
ADS1274, ADS1278
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input voltage (FSR(1))
VIN = (AINP – AINN)
±VREF
V
Absolute input voltage
AINP or AINN to AGND
AGND
– 0.1
AVDD + 0.1
V
Common-mode input voltage (VCM)
VCM = (AINP + AINN)/2
2.5
V
High-Speed mode
14
k
High-Resolution mode
14
k
Differential input impedance
Low-Power mode
28
k
Low-Speed mode
140
k
DC PERFORMANCE
Resolution
No missing codes
24
Bits
fCLK = 37MHz
144,531
SPS(3)
High-Speed mode(2)
fCLK = 32.768MHz
128,000
SPS
fCLK = 27MHz
105,469
SPS
Data rate (fDATA)
High-Resolution mode
52,734
SPS
Low-Power mode
52,734
SPS
Low-Speed mode
10,547
SPS
Integral nonlinearity (INL)(4)
Differential input, VCM = 2.5V
±0.0003
±0.0012
% FSR(1)
Offset error
0.25
2
mV
Offset drift
0.8
μV/°C
Gain error
0.1
0.5
% FSR
Gain drift
1.3
ppm/
°C
High-Speed mode
Shorted input
8.5
16
μV, rms
High-Resolution mode
Shorted input
5.5
12
μV, rms
Noise
Low-Power mode
Shorted input
8.5
16
μV, rms
Low-Speed mode
Shorted input
8.0
16
μV, rms
Common-mode rejection
fCM = 60Hz
90
108
dB
AVDD
80
dB
Power-supply rejection
DVDD
fPS = 60Hz
85
dB
IOVDD
105
dB
VCOM output voltage
No load
AVDD/2
V
(1)
FSR = full-scale range = 2VREF.
(2)
fCLK = 37MHz max for High-Speed mode, and 27MHz max for all other modes. See Table 7 for fCLK restrictions in High-Speed mode.
(3)
SPS = samples per second.
(4)
Best fit method.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1274 ADS1278


Podobny numer części - ADS1278

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1278 BURR-BROWN-ADS1278 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278 TI1-ADS1278 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1278 TI1-ADS1278 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1278 TI1-ADS1278 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS1278 TI1-ADS1278 Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1278

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com