Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4142 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS4142
Szczegółowy opis  14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4142 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS4142 Datasheet HTML 4Page - Texas Instruments ADS4142 Datasheet HTML 5Page - Texas Instruments ADS4142 Datasheet HTML 6Page - Texas Instruments ADS4142 Datasheet HTML 7Page - Texas Instruments ADS4142 Datasheet HTML 8Page - Texas Instruments ADS4142 Datasheet HTML 9Page - Texas Instruments ADS4142 Datasheet HTML 10Page - Texas Instruments ADS4142 Datasheet HTML 11Page - Texas Instruments ADS4142 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
ADS4122, ADS4125
ADS4142, ADS4145
SBAS520A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
DIGITAL CHARACTERISTICS
Typical values are at +25
°C, AVDD = 1.8V, DRVDD = 1.8V, and 50% clock duty cycle, unless otherwise noted. Minimum and
maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, and DRVDD = 1.8V.
ADS4122, ADS4125, ADS4142, ADS4145
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, OE)
High-level input voltage
RESET, SCLK, SDATA, and
1.3
V
SEN support 1.8V and 3.3V
Low-level input voltage
0.4
V
CMOS logic levels
High-level input voltage
1.3
V
OE only supports 1.8V CMOS
logic levels
Low-level input voltage
0.4
V
High-level input current: SDATA, SCLK(1)
VHIGH = 1.8V
10
µA
High-level input current: SEN
VHIGH = 1.8V
0
µA
Low-level input current: SDATA, SCLK
VLOW = 0V
0
µA
Low-level input current: SEN
VLOW = 0V
–10
µA
DIGITAL OUTPUTS (CMOS INTERFACE: D0 TO D13, OVR_SDOUT)
High-level output voltage
DRVDD
– 0.1
DRVDD
V
Low-level output voltage
0
0.1
V
DIGITAL OUTPUTS (LVDS INTERFACE: DA0P/M TO DA13P/M, DB0P/M TO DB13P/M, CLKOUTP/M)
High-level output voltage(2)
VODH
Standard swing LVDS
270
+350
430
mV
Low-level output voltage(2)
VODL
Standard swing LVDS
–430
–350
–270
mV
High-level output voltage(2)
VODH
Low swing LVDS
+200
mV
Low-level output voltage(2)
VODL
Low swing LVDS
–200
mV
Output common-mode voltage
VOCM
0.85
1.05
1.25
V
(1)
SDATA and SCLK have an internal 180k
Ω pull-down resistor.
(2)
With an external 100
Ω termination.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4122 ADS4125 ADS4142 ADS4145


Podobny numer części - ADS4142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4142 TI1-ADS4142 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4142 TI-ADS4142 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4142 TI1-ADS4142 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4142IRGZR TI1-ADS4142IRGZR Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4142IRGZR TI1-ADS4142IRGZR Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
More results

Podobny opis - ADS4142

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245-EP TI1-ADS4245-EP Datasheet
1Mb / 63P
[Old version datasheet]   ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com