Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4225 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS4225
Szczegółowy opis  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4225 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS4225 Datasheet HTML 1Page - Texas Instruments ADS4225 Datasheet HTML 2Page - Texas Instruments ADS4225 Datasheet HTML 3Page - Texas Instruments ADS4225 Datasheet HTML 4Page - Texas Instruments ADS4225 Datasheet HTML 5Page - Texas Instruments ADS4225 Datasheet HTML 6Page - Texas Instruments ADS4225 Datasheet HTML 7Page - Texas Instruments ADS4225 Datasheet HTML 8Page - Texas Instruments ADS4225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range, unless otherwise noted.
ADS424x/422x
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
1.7
1.8
1.9
V
Digital supply voltage, DRVDD
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
VCM
± 0.05
V
Maximum analog input frequency with 2VPP input amplitude
(1)
400
MHz
Maximum analog input frequency with 1VPP input amplitude
(1)
600
MHz
CLOCK INPUT
Input clock sample rate (ADS4242/ADS4222)
Low-speed mode enabled (by default after reset)
1
65
MSPS
Input clock sample rate (ADS4245/ADS4225)
Low-speed mode enabled(2)
1
80
MSPS
Low-speed mode disabled(2) (by default after reset)
80
125
MSPS
Input clock sample rate (ADS4246/ADS4226)
Low-speed mode enabled(2)
1
80
MSPS
Low-speed mode disabled(2) (by default after reset)
80
160
MSPS
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude differential
(VCLKP – VCLKM)
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.5
V
Input clock duty cycle
Low-speed mode disabled
35
50
65
%
Low-speed mode enabled
40
50
60
%
DIGITAL OUTPUTS
Maximum external load capacitance from each output pin to DRGND, CLOAD
5
pF
Differential load resistance between the LVDS output pairs (LVDS mode), RLOAD
100
Ω
Operating free-air temperature, TA
–40
+85
°C
(1)
See the Theory of Operation section in the Application Information.
(2)
See the Serial Interface Configuration section for details on programming the low-speed mode.
HIGH-PERFORMANCE MODES(1)(2)
PARAMETER
DESCRIPTION
Set the HIGH PERF MODE register bit to obtain best performance across sample clock and
High-performance mode
input signal frequencies.
Register address = 03h, data = 03h
Set the HIGH FREQ MODE CH A and HIGH FREQ MODE CH B register bits for high input
signal frequencies greater than 200MHz.
High-frequency mode
Register address = 4Ah, data = 01h
Register address = 58h, data = 01h
(1)
It is recommended to use these modes to obtain best performance.
(2)
See the Serial Interface Configuration section for details on register programming.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Podobny numer części - ADS4225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4225 TI1-ADS4225 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4225 TI1-ADS4225 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4225 TI-ADS4225 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4225 TI1-ADS4225 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4225IRGC25 TI1-ADS4225IRGC25 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
More results

Podobny opis - ADS4225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com