Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4242 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS4242
Szczegółowy opis  Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4242 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS4242 Datasheet HTML 6Page - Texas Instruments ADS4242 Datasheet HTML 7Page - Texas Instruments ADS4242 Datasheet HTML 8Page - Texas Instruments ADS4242 Datasheet HTML 9Page - Texas Instruments ADS4242 Datasheet HTML 10Page - Texas Instruments ADS4242 Datasheet HTML 11Page - Texas Instruments ADS4242 Datasheet HTML 12Page - Texas Instruments ADS4242 Datasheet HTML 13Page - Texas Instruments ADS4242 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
DAn_P
DBn_P
DAn_M
DBn_M
GND
Logic0
V
(1)
ODL =
350mV
-
Logic1
V
(1)
ODH =+350mV
V
OCM
ADS4222, ADS4225, ADS4226
ADS4242, ADS4245, ADS4246
SBAS533C
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
DIGITAL CHARACTERISTICS
At AVDD = 1.8V and DRVDD = 1.8V, unless otherwise noted. DC specifications refer to the condition where the digital
outputs do not switch, but are permanently at a valid logic level
'0' or '1'.
ADS424x/422x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, CTRL1, CTRL2, CTRL3)(1)
High-level input voltage
1.3
V
All digital inputs support 1.8V
and 3.3V CMOS logic levels
Low-level input voltage
0.4
V
SDATA, SCLK(2)
VHIGH = 1.8V
10
µA
High-level input current
SEN(3)
VHIGH = 1.8V
0
µA
SDATA, SCLK
VLOW = 0V
0
µA
Low-level input current
SEN
VLOW = 0V
10
µA
DIGITAL OUTPUTS, CMOS INTERFACE (DA[13:0], DB[13:0], CLKOUT, SDOUT)
High-level output voltage
DRVDD
– 0.1
DRVDD
V
Low-level output voltage
0
0.1
V
Output capacitance (internal to device)
pF
DIGITAL OUTPUTS, LVDS INTERFACE
High-level output
With an external
VODH
270
350
430
mV
differential voltage
100
Ω termination
Low-level output
With an external
VODL
–430
–350
–270
mV
differential voltage
100
Ω termination
Output common-mode voltage
VOCM
0.9
1.05
1.25
V
(1)
SCLK, SDATA, and SEN function as digital input pins in serial configuration mode.
(2)
SDATA, SCLK have internal 150k
Ω pull-down resistor.
(3)
SEN has an internal 150k
Ω pull-up resistor to AVDD. Because the pull-up is weak, SEN can also be driven by 1.8V or 3.3V CMOS
buffers.
(1) With external 100
Ω termination.
Figure 1. LVDS Output Voltage Levels
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246


Podobny numer części - ADS4242

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4242 TI1-ADS4242 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4242 TI1-ADS4242 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4242 TI-ADS4242 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4242 TI1-ADS4242 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4242 TI-ADS4242 Datasheet
492Kb / 15P
[Old version datasheet]   EVAL MODULE FOR ADS4242
Revised June 2013
More results

Podobny opis - ADS4242

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4226 TI1-ADS4226 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2205-14 LINER-LTC2205-14 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
LTC2205-14 LINER-LTC2205-14_15 Datasheet
1Mb / 28P
   14-Bit, 65Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com