Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4420-D1-FT Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części SI4420-D1-FT
Szczegółowy opis  Si4420 Universal ISM Band FSK Transceiver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI4420-D1-FT Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI4420-D1-FT Datasheet HTML 2Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 3Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4420-D1-FT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Si4420
6
GENERAL DEVICE SPECIFICATIONS
All voltages are referenced to V
ss, the potential on the ground reference pin VSS.
Absolute Maximum Ratings (non-operating)
Symbol
Parameter
Min
Max
Units
Vdd
Positive supply voltage
-0.5
6
V
Vin
Voltage on any pin (except RF1 and RF2)
-0.5
Vdd+0.5
V
Voc
Voltage on open collector outputs (RF1, RF2)
-0.5
Vdd+1.5 (Note 1)
V
Iin
Input current into any pin except VDD and VSS
-25
25
mA
ESD
Electrostatic discharge with human body model
1000
V
Tst
Storage temperature
-55
125
oC
Tld
Lead temperature (soldering, max 10 s)
260
oC
Recommended Operating Range
Symbol
Parameter
Min
Max
Units
Vdd
Positive supply voltage
2.2
5.4
V
VocDC
DC voltage on open collector outputs (RF1, RF2)
Vdd+1.5 (Note 2)
V
VocAC
AC peak voltage on open collector outputs (RF1, RF2)
Vdd-1.5 (Note 1)
Vdd+1.5
V
Top
Ambient operating temperature
-40
85
oC
Note 1: At maximum, V
dd+1.5 V cannot be higher than 7 V. At minimum, Vdd - 1.5 V cannot be lower than 1.2 V.
Note 2: At maximum, V
dd+1.5 V cannot be higher than 5.5 V.


Podobny numer części - SI4420-D1-FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Vishay Siliconix
SI4420BDY VISHAY-SI4420BDY Datasheet
92Kb / 1P
   N-Channel, 30-V (D-S) MOSFET
06-May-05
SI4420BDY VISHAY-SI4420BDY Datasheet
103Kb / 6P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 12-Jun-06
SI4420BDY VISHAY-SI4420BDY Datasheet
186Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 02-Mar-09
SI4420BDY VISHAY-SI4420BDY Datasheet
185Kb / 8P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI4420-D1-FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com