Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5459DU-T1 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI5459DU-T1
Szczegółowy opis  P-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5459DU-T1 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI5459DU-T1 Datasheet HTML 1Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 2Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 3Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 4Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 5Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 6Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 7Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 8Page - Vishay Siliconix SI5459DU-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Si5459DU
www.vishay.com
Vishay Siliconix
S14-0779-Rev. B, 14-Apr-14
1
Document Number: 65017
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-Channel 20 V (D-S) MOSFET
Ordering Information:
Si5459DU-T1-GE3 (Lead (Pb)-free and Halogen-free)
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•Load switch
•HDD DC/DC
Notes
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 72 °C/W.
e. Package limited.
f. See solder profile (www.vishay.com/doc?73257). The PowerPAK ChipFET is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
g. Rework conditions: Manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω)ID (A) a
Qg (TYP.)
-20
0.052 at VGS = -4.5 V
-8 e
8
0.082 at VGS = -2.5 V
-7.5
PowerPAK® ChipFET® Single
Bottom View
D
7
D
6
S
5
D
8
D
7
D
6
S
5
8
2
D
3
D
4
G
1
D
Top View
1
3.0
mm
1
30
mm
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
-8 e
A
TC = 70 °C
-8 e
TA = 25 °C
-6.7 b, c
TA = 70 °C
-5.3 b, c
Pulsed Drain Current (10 μs Pulse Width)
IDM
-20
Source-Drain Current Diode Current
TC = 25 °C
IS
-8 e
TA = 25 °C
-2.9 b, c
Maximum Power Dissipation
TC = 25 °C
PD
10.9
W
TC = 70 °C
7
TA = 25 °C
3.5 b, c
TA = 70 °C
2.2 b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-50 to 150
°C
Soldering Recommendations (Peak Temperature) d, e
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
TYPICAL
MAXIMUM
Maximum Junction-to-Ambient b, d
t
≤ 10 s
RthJA
30
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
9.5
11.5


Podobny numer części - SI5459DU-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5459DU VISHAY-SI5459DU Datasheet
201Kb / 9P
   P-Channel 20 V (D-S) MOSFET
Rev. C, 23-May-16
SI5459DU VISHAY-SI5459DU_V01 Datasheet
189Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI5459DU-T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com