Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI8421AD Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części SI8421AD
Szczegółowy opis  LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SI8421AD Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI8421AD Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 11Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 12Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 13Page - List of Unclassifed Manufacturers SI8421AD Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Si8410/20/21 (5 kV)
Si8422/23 (2.5 & 5 kV)
10
Rev. 1.3
100 Mbps Supply Current (All inputs = 50 MHz square wave, CL = 15 pF on all outputs)
Si8410Bx
VDD1
VDD2
2.0
3.6
3.0
4.5
mA
Si8420Bx
VDD1
VDD2
4.5
7.0
5.3
8.8
mA
Si8421Bx
VDD1
VDD2
5.3
5.3
6.6
6.6
mA
Si8422Bx
VDD1
VDD2
5.3
5.3
6.6
6.6
mA
Si8423Bx
VDD1
VDD2
3.4
6.6
5.1
8.3
mA
Timing Characteristics
Si841xAx, Si842xAx
Maximum Data Rate
0
1.0
Mbps
Minimum Pulse Width
250
ns
Propagation Delay
tPHL, tPLH
See Figure 1
35
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 1
25
ns
Propagation Delay Skew2
tPSK(P-P)
40
ns
Channel-Channel Skew
tPSK
35
ns
Si841xBx, Si842xBx
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
6.0
ns
Propagation Delay
tPHL, tPLH
See Figure 1
4.0
8.0
11
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 1
1.5
3.0
ns
Propagation Delay Skew2
tPSK(P-P)
—2.0
3.0
ns
Channel-Channel Skew
tPSK
—0.5
1.5
ns
Table 2. Electrical Characteristics (Continued)
(VDD1 = 3.3 V ±10%, VDD2 = 3.3 V ±10%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


Podobny numer części - SI8421AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI8421AB-C-IS SKYWORKS-SI8421AB-C-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
SI8421AB-D-IS SKYWORKS-SI8421AB-D-IS Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
More results

Podobny opis - SI8421AD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com