Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB10-10B24LT Arkusz danych(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Numer części LB10-10B24LT
Szczegółowy opis  AC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B24LT Arkusz danych(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LB10-10B24LT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10B24LT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AC/DC Converter
LB(05-25)-10BxxLT Series
2014.06.23-A/0
Page 5 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC solution-recommended circuit
ACDC
AC(N)
AC(L)
LCM
MOV1 CX
CY1
CY2
FUSE
AC(N)
AC(L)
+Vo
-Vo
+
LDM
C1
C2
TVS1
RL
Can use MORNSUN s FC-LX1D
'
Fig. 2: EMC Recommended circuit with higher requirements
Fig.3: Recommended EMC circuit-PCB layout
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm
Element model
Recommended value
Element model
Recommended value
MOV1
S14K350
FC-LX1D
2KV/4KV EMC filter
CY1 , CY2
1000pF/400VAC
FUSE
LB05
1A/250V slow fusing, necessary
CX
0.1μF/275VAC
LB10/15
2A/250V slow fusing, necessary
LCM
10mH, recommended to use
MORNSUN’s FL2D-Z5-103
LB20/25
3.15A/250V slow fusing, necessary
LDM
5uH
--
--
--
3. Application of Trim and calculation of Trim resistance
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Trim
+Vot
Trim up
Trim down
Applied circuits of Trim (Part in broken line is the interior of models)
Calculation formula of Trim resistance:
up:
a=
Vref
Vot-Vref
R1
R=
T
aR2
R-a
2
-R3
down:
a=
Vref
Vot-Vref
R2
R=
T
aR1
R-a
1
-R3
RT is Trim resistance;
a is a self-defined parameter, with
no real meaning.


Podobny numer części - LB10-10B24LT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LB10-10B24 MORNSUN-LB10-10B24 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10B24 MORNSUN-LB10-10B24 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Podobny opis - LB10-10B24LT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com