Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS03-15B24SR2S Arkusz danych(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Numer części LS03-15B24SR2S
Szczegółowy opis  AC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B24SR2S Arkusz danych(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LS03-15B24SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC/DC Converter
LS03-15BXXSR2S(-F) Series
2014.03.13-A/1
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Model
FUSE
(Required)
NTC
MOV1
C1
(Required)
L2
C2
(Required)
L1
(Required)
C3
(Required)
C4
CY0
TVS
LS03-15B03SR2S(-F)
1A/
250V
13D-
5
S14K3
20
10μF/
400V
5mH
330μF/ 35V
2.2
μH
120μF/25V
0.1
μF/
50
V
1nF/
400
VAC
SMBJ
7.0A
LS03-15B05SR2S(-F)
68μF/35V
LS03-15B09SR2S(-F)
SMBJ
12A
LS03-15B12SR2S(-F)
150μF/ 35V
SMBJ
20A
LS03-15B15SR2S(-F)
LS03-15B24SR2S(-F)
100μF/ 35V
SMBJ
30A
Note:
1. C1,C2and C3 are electrolytic capacitors. They are required both AC input and DC input.
The value of C1 is recommended to be 10μF /400V . When the input voltage is above 370VDC, the recommended value of C1 is 10μF/450V).C2 and C3 are
output filer capacitors, they are recommended to be high frequency and low impedance electrolytic capacitors. Capacitance and rated ripple current of
capacitors refer to the datasheets provided by the manufactures. Voltage derating of capacitors should be 80% or above. C4 is a ceramic capacitor, which is
used to filter high frequency noise. C2,C3 and L1 form a pi-type filter circuit. Current of L1 and L2 refer to the datasheets provided by the manufactures, current
derating should be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails).
2. EMC solution-recommended circuit
AC(N)
AC(L)
AC(L)
MOV2
LCM
CX
CY1
CY2
ACDC
C1
+
5
Can use MORNSUN’S FC-L01DV1
FUSE
12
CY0
10
7
AC(N)
-Vo
+Vo
L1
+
+
C2
C3
TVS
RL
C4
LDM
NTC
Fig 2: EMC application circuit with higher requirements
Fig 3: Recommended EMC circuit-PCB layout
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm, A≥6.4mm
Components
Recommend Parameter
MOV2
S14K320
CY1
1nF/400VAC
CY2
1nF/400VAC
CX
0.1μF/275VAC
LCM
3.5mH
LDM
0.3mH
FC-L01DV1
MORNSUN’s 1KV/2KV Surge protector
FUSE(Required)
1A/250V, slow fusing
3. For more information please find application notes on www.mornsun-power.com


Podobny numer części - LS03-15B24SR2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS03-15B24SR2S MORNSUN-LS03-15B24SR2S Datasheet
359Kb / 6P
   3W, AC/DC converter
More results

Podobny opis - LS03-15B24SR2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com