Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS03-15B24SR2S Arkusz danych(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Numer części LS03-15B24SR2S
Szczegółowy opis  AC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B24SR2S Arkusz danych(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  LS03-15B24SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B24SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AC/DC Converter
LS03-15BXXSR2S(-F) Series
2014.03.13-A/1
Page 6 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Note:
1.
Packing Information please refer to 'Product Packing Information'. Packing bag number: 58220018(LS03-15BXXSR2S)/58220025
(LS03-15BXXSR2S-F);
2.
External electrolytic capacitors are required to modules, more details refer to typical applications;
3.
This part is open frame, at least 6.4mm safety distance between the the primary and secondary external components of the module is
needed to meet the safety requirement;
4.
All specifications were measured at Ta=25°C, humidity<75%, nominal input voltage (115VAC or 230VAC)and rated output load unless
otherwise specified;
5.
In order to increase the conversion efficiency of the product with light load in the design, the product will have slight audio noise when
operating with load less than 30% of rated load, but it will not affect the product's reliability and performance;
6.
Module required dispensing fixed after assembled;
7.
Recommends placing the insulation sheet between the bottom of the curved legs Module (LS03-R2S-F) and the PCB board,
recommended materials for the FR700, thickness is more than 0.4mm.
8.
All index testing methods in this datasheet are based on our Company’s corporate standards;
9.
We can provide product customization service;
10. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Podobny numer części - LS03-15B24SR2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LS03-15B24SR2S MORNSUN-LS03-15B24SR2S Datasheet
359Kb / 6P
   3W, AC/DC converter
More results

Podobny opis - LS03-15B24SR2S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com