Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3283 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC3283
Szczegółowy opis  Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3283 Arkusz danych(HTML) 5 Page - Texas Instruments

  DAC3283 Datasheet HTML 1Page - Texas Instruments DAC3283 Datasheet HTML 2Page - Texas Instruments DAC3283 Datasheet HTML 3Page - Texas Instruments DAC3283 Datasheet HTML 4Page - Texas Instruments DAC3283 Datasheet HTML 5Page - Texas Instruments DAC3283 Datasheet HTML 6Page - Texas Instruments DAC3283 Datasheet HTML 7Page - Texas Instruments DAC3283 Datasheet HTML 8Page - Texas Instruments DAC3283 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
DAC3283
www.ti.com
SLAS693B – MARCH 2010 – REVISED JUNE 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DACDVDD18(2)
–0.5 to 2.3
V
DIGVDD18(2)
–0.5 to 2.3
V
Supply voltage range
CLKVDD18(2)
–0.5 to 2.3
V
VFUSE(2)
–0.5 to 2.3
V
AVDD33(2)
–0.5 to 4
V
CLKVDD18 to DIGDVDD18
–0.5 to 0.5
V
DACVDD18 TO DIGVDD18
–0.5 to 0.5
V
D[7..0]P ,D[7..0]N, DATACLKP, DATACLKN, FRAMEP, FRAMEN(2)
–0.5 to DIGVDD18 + 0.5
V
Terminal voltage
DACCLKP, DACCLKN, OSTRP, OSTRN(2)
–0.5 to CLKVDD18 + 0.5
V
range
ALARM_SDO, SDIO, SCLK, SDENB, TXENABLE(2)
–0.5 to DIGCLKVDD18 + 0.5
V
IOUTA1/B1, IOUTA2/B2(2)
–1.0 to AVDD33 + 0.5
V
EXTIO, BIASJ(2)
–0.5 to AVDD33 + 0.5
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA: DAC3283
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of these or any other conditions beyond those indicated under recommended operating conditions is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
THERMAL CONDUCTIVITY
48ld QFN
UNIT
TJ
Maximum junction temperature (1) (2)
125
°C
Theta junction-to-ambient (still air)
30
θJA
°C/W
Theta junction-to-ambient (150 lfm)
24
θJB
Theta junction-to-board
8
°C/W
θJp
Theta junction-to-pad
1.3
°C/W
(1)
Air flow or heat sinking reduces
θJA and may be required for sustained operation at 85° under maximum operating conditions.
(2)
It is strongly recommended to solder the device thermal pad to the board ground plane.
Copyright © 2010–2012, Texas Instruments Incorporated
5


Podobny numer części - DAC3283

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3283IRGZR TI-DAC3283IRGZR Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283IRGZT TI-DAC3283IRGZT Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
More results

Podobny opis - DAC3283

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com