Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3484 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC3484
Szczegółowy opis  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484 Arkusz danych(HTML) 3 Page - Texas Instruments

  DAC3484 Datasheet HTML 1Page - Texas Instruments DAC3484 Datasheet HTML 2Page - Texas Instruments DAC3484 Datasheet HTML 3Page - Texas Instruments DAC3484 Datasheet HTML 4Page - Texas Instruments DAC3484 Datasheet HTML 5Page - Texas Instruments DAC3484 Datasheet HTML 6Page - Texas Instruments DAC3484 Datasheet HTML 7Page - Texas Instruments DAC3484 Datasheet HTML 8Page - Texas Instruments DAC3484 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
A33
A32
A31
A30
A29
A28
A27
A26
A25
A24
A23
B30
B29
B28
B27
B26
B25
B24
B23
B22
B21
C1
C2
C3
C4
OSTRN
OSTRP
SYNCP
CLKVDD
DACCLKN
DACCLKP
VFUSE
PLLAVDD
LPF
D15N
D15P
D13P
DIGVDD
D14N
D14P
IOVDD
DIGVDD
SYNCN
D12N
D12P
D13N
SCLK
ALARM
PARITYN
SDO
SDIO
SDENB
TXENABLE
RESETB
BIASJ
D0P
D0N
D2N
DIGVDD
D1P
D1N
IOVDD
DIGVDD
PARITYP
D3P
D3N
D2P
DAC3484
88-WQFN 9mm x 9mm
RKD Package
(Top View)
P0133-02
DAC3484
www.ti.com
SLAS749C – MARCH 2011 – REVISED AUGUST 2012
DEVICE INFORMATION
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
A36, A37,
A38, A40,
AVDD
I
Analog supply voltage. (3.3 V)
A41, A42,
B31
CMOS output for ALARM condition. The ALARM output functionality is defined through the config7
ALARM
B29
O
register. Default polarity is active high, but can be changed to active low via config0 alarm_out_pol
control bit.
Full-scale output current bias. For 30mA full-scale output current, connect 1.28k
Ω to ground. Change
BIASJ
A33
O
the full-scale output current through coarse_dac(3:0) in config3, bit<15:12>
Internal clock buffer supply voltage. (1.2 V)
CLKVDD
A4
I
It is recommended to isolate this supply from DIGVDD and DACVDD.
Copyright © 2011–2012, Texas Instruments Incorporated
3


Podobny numer części - DAC3484

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3484IRKD25 TI1-DAC3484IRKD25 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

Podobny opis - DAC3484

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com