Zakładka z wyszukiwarką danych komponentów |
|
KA2901 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
KA2901 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 8 page ©2012 Fairchild Semiconductor Corporation www.fairchildsemi.com Rev. 1.0.5 Features • Single or Dual Supply Operation • Wide Range of Supply Voltage KA339/KA339A, KA2901 : 2 ~ 36V (or ±1 ~ ±18V) • Low Supply Current Drain 800 μA Typ. • Open Collector Outputs for Wired and Connectors • Low Input Bias Current 25nA Typ. • Low Input Offset Current ±2.3nA Typ. • Low Input Offset Voltage ±1.4mV Typ. • Input Common Mode Voltage Range Includes Ground. • Low Output Saturation Voltage • Output Compatible With TTL, DTL and MOS Logic System Description The KA339/KA339A, KA2901 consist of four independent voltage comparators designed to operate from single power supply over a wide voltage range. 14-SOP 14-DIP 1 1 Internal Block Diagram 14 1 13 12 11 10 9 8 2 3 4 5 6 7 - + - - + + + - OUT3 OUT4 IN4(+) GND IN4(-) IN3(+) IN3(-) OUT2 OUT1 IN1(+) IN1(-) IN2(-) IN2(+) VCC KA339/KA339A, KA2901 Quad Comparator |
Podobny numer części - KA2901 |
|
Podobny opis - KA2901 |