Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6T10A-E35B Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SM6T10A-E35B
Szczegółowy opis  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6T10A-E35B Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SM6T10A-E35B Datasheet HTML 1Page - Vishay Siliconix SM6T10A-E35B Datasheet HTML 2Page - Vishay Siliconix SM6T10A-E35B Datasheet HTML 3Page - Vishay Siliconix SM6T10A-E35B Datasheet HTML 4Page - Vishay Siliconix SM6T10A-E35B Datasheet HTML 5Page - Vishay Siliconix SM6T10A-E35B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SM6T Series
www.vishay.com
Vishay General Semiconductor
Revision: 13-Dec-13
2
Document Number: 88385
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) For bi-directional devices add suffix “CA”
(2) VBR measured after IT applied for 300 µs square wave pulse
(3) For bi-polar devices with VR = 10 V or under, the IT limit is doubled
Note
(1) Mounted on minimum recommended pad layout
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
TYPE (1)
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (2)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
LEAKAGE
CURRENT
IRM AT VRM
(μA)
CLAMPING
VOLTAGE
VC AT IPPM
10/1000 μs
CLAMPING
VOLTAGE
VC AT IPP
8/20 μs
T
MAX.
10-4/°C
UNI
BI
MIN.
MAX.
(V)
(A)
(V)
(A)
SM6T6V8A
KE7
KE7
6.45
7.14
10
5.80
1000
10.5
57.0
13.4
298
5.7
SM6T7V5A
KK7
AK7
7.13
7.88
10
6.40
500
11.3
53.0
14.5
276
6.1
SM6T10A
KT7
AT7
9.50
10.5
1.0
8.55
10.0
14.5
41.0
18.6
215
7.3
SM6T12A
KX7
AX7
11.4
12.6
1.0
10.2
5.0
16.7
36.0
21.7
184
7.8
SM6T15A
LG7
LG7
14.3
15.8
1.0
12.8
1.0
21.2
28.0
27.2
147
8.4
SM6T18A
LM7
BM7
17.1
18.9
1.0
15.3
1.0
25.2
24.0
32.5
123
8.8
SM6T22A
LT7
BT7
20.9
23.1
1.0
18.8
1.0
30.6
20.0
39.3
102
9.2
SM6T24A
LV7
LV7
22.8
25.2
1.0
20.5
1.0
33.2
18.0
42.8
93
9.4
SM6T27A
LX7
BX7
25.7
28.4
1.0
23.1
1.0
37.5
16.0
48.3
83
9.6
SM6T30A
ME7
CE7
28.5
31.5
1.0
25.6
1.0
41.5
14.5
53.5
75
9.7
SM6T33A
MG7
MG7
31.4
34.7
1.0
28.2
1.0
45.7
13.1
59
68
9.8
SM6T36A
MK7
CK7
34.2
37.8
1.0
30.8
1.0
49.9
12.0
64.3
62
9.9
SM6T39A
MM7
CM7
37.1
41.0
1.0
33.3
1.0
53.9
11.1
69.7
57
10.0
SM6T68A
NG7
NG7
64.6
71.4
1.0
58.1
1.0
92.0
6.50
121
33
10.4
SM6T100A
NV7
NV7
95.0
105
1.0
85.5
1.0
137
4.40
178
22.5
10.6
SM6T150A
PK7
PK7
143
158
1.0
128
1.0
207
2.90
265
15
10.8
SM6T200A
PR7
PR7
190
210
1.0
171
1.0
274
2.20
353
11.3
10.8
SM6T220A
PR8
PR8
209
231
1.0
188
1.0
328
2.00
388
10.3
10.8
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient air (1)
RJA
100
°C/ W
Typical thermal resistance, junction to lead
RJL
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM6T10A-E3/52
0.096
52
750
7" diameter plastic tape and reel
SM6T10A-E3/5B
0.096
5B
3200
13" diameter plastic tape and reel
SM6T10AHE3/52 (1)
0.096
52
750
7" diameter plastic tape and reel
SM6T10AHE3/5B (1)
0.096
5B
3200
13" diameter plastic tape and reel


Podobny numer części - SM6T10A-E35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM6T10A-E35B VISHAY-SM6T10A-E35B Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Podobny opis - SM6T10A-E35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com