Zakładka z wyszukiwarką danych komponentów |
|
LCA4-14-L Arkusz danych(PDF) 1 Page - PANDUIT CORP. |
|
LCA4-14-L Arkusz danych(HTML) 1 Page - PANDUIT CORP. |
1 / 2 page For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Code Conductor, One-Hole, Standard Barrel with Window Lug • Color-coded barrels marked with Panduit and specified competitor die index numbers for proper crimp die selection • Inspection window to visually assure full conductor insertion • Tin-plated to inhibit corrosion • UL Listed and CSA Certified to 35 KV** and temperature rated to 90°C when crimped with Panduit and specified competitor crimping tools and dies • UL Listed and CSA Certified for wide wire range-taking capability when crimped with Panduit® Uni-Die ™ Dieless Crimping Tools‡ • Tested by Telcordia – meets NEBS Level 3 • American Bureau of Shipping Approved For Use with Stranded Copper Conductors Type LCA W T INSPECTION WINDOW L B ‡See pages D3.58 – D3.61 for tool and die information. *Not tested to NEBS Level 3 requirements. **Consult cable manufacturer for voltage stress relief instructions with applications greater than 2000 V. Table continues on page D2.14 Part Number Copper Conductor Size Stud Hole Size (In.) Figure Dimensions (In.) Panduit Color Code Panduit Die Index No.‡ Burndy Die Index No.‡ T&B Die Index No.‡ Wire Strip Length (In.) Std. Pkg. Qty. W B T L LCA10-10-L* #14 – #10 AWG STR, #12 – #10 AWG SOL #10 0.38 0.38 0.06 1.07 ———— 7/16 50 LCA10-14-L* 1/4 0.42 0.38 0.05 1.16 ———— 7/16 50 LCA10-56-L* 5/16 0.54 0.38 0.04 1.28 ———— 7/16 50 LCA10-38-L* 3/8 0.56 0.38 0.04 1.38 ———— 7/16 50 LCA8-10-L #8 AWG #10 0.41 0.56 0.08 1.25 Red P21 49 21 5/8 50 LCA8-14-L 1/4 0.48 0.56 0.07 1.34 Red P21 49 21 5/8 50 LCA8-56-L 5/16 0.56 0.56 0.05 1.46 Red P21 49 21 5/8 50 LCA8-38-L 3/8 0.60 0.56 0.05 1.56 Red P21 49 21 5/8 50 LCA6-10-L #6 AWG #10 0.45 0.81 0.09 1.52 Blue P24 7 24 7/8 50 LCA6-14-L 1/4 0.48 0.81 0.08 1.61 Blue P24 7 24 7/8 50 LCA6-56-L 5/16 0.56 0.81 0.07 1.73 Blue P24 7 24 7/8 50 LCA6-38-L 3/8 0.62 0.81 0.06 1.83 Blue P24 7 24 7/8 50 LCA6-12-L 1/2 0.75 0.81 0.07 2.23 Blue P24 7 24 7/8 50 LCA4-10-L #4 – #3 AWG STR, #2 AWG SOL #10 0.55 0.81 0.09 1.54 Gray P29 8 29 7/8 50 LCA4-14-L 1/4 0.55 0.81 0.09 1.63 Gray P29 8 29 7/8 50 LCA4-56-L 5/16 0.55 0.81 0.09 1.75 Gray P29 8 29 7/8 50 LCA4-38-L 3/8 0.62 0.81 0.07 1.85 Gray P29 8 29 7/8 50 LCA4-12-L 1/2 0.75 0.81 0.07 2.23 Gray P29 8 29 7/8 50 LCA2-14-Q #2 AWG 1/4 0.60 0.88 0.10 1.77 Brown P33 10 33 15/16 25 LCA2-56-Q 5/16 0.66 0.88 0.10 1.90 Brown P33 10 33 15/16 25 LCA2-38-Q 3/8 0.66 0.88 0.10 1.97 Brown P33 10 33 15/16 25 LCA2-12-Q 1/2 0.75 0.88 0.08 2.21 Brown P33 10 33 15/16 25 LCA1-14-E #1 AWG 1/4 0.70 0.88 0.11 1.79 Green P37 11 37 15/16 20 LCA1-56-E 5/16 0.70 0.88 0.11 1.92 Green P37 11 37 15/16 20 LCA1-38-E 3/8 0.70 0.88 0.11 1.99 Green P37 11 37 15/16 20 LCA1-12-E 1/2 0.75 0.88 0.09 2.23 Green P37 11 37 15/16 20 |
Podobny numer części - LCA4-14-L |
|
Podobny opis - LCA4-14-L |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |