Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDBT-54-HF Arkusz danych(PDF) 1 Page - Comchip Technology

Numer części CDBT-54-HF
Szczegółowy opis  Small Signal Schottky Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMCHIP [Comchip Technology]
Strona internetowa  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBT-54-HF Arkusz danych(HTML) 1 Page - Comchip Technology

  CDBT-54-HF Datasheet HTML 1Page - Comchip Technology CDBT-54-HF Datasheet HTML 2Page - Comchip Technology CDBT-54-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Small Signal Schottky Diodes
Reverse Voltage: 30 Volts
Forward Current: 200 mA
RoHS Device
Page 1
Features
-Design for mounting on small surface.
-High speed switching application, circuit
protection.
-Low forward voltage drop.
Mechanical data
-Case: SOT-23, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Approx. weight: 0.008 grams
Circuit diagram
CDBT-54/S/C/A-HF
Dimensions in inches and (millimeter)
QW-JB004
Comchip Technology CO., LTD.
SOT-23
CDBT-54-HF
1
2
3
1
2
3
1
2
3
CDBT-54S-HF
CDBT-54C-HF
CDBT-54A-HF
Halogen free
-Packing:3,000 pieces per 7” reel.
3
1
2
0.122(3.10)
0.106(2.70)
0.055(1.40)
0.047(1.19)
0.083(2.10)
0.067(1.70)
0.045(1.15)
0.035(0.90)
0.020(0.51)
0.014(0.35)
0.010(0.25)
0.003(0.08)
0.118(3.00)
0.083(2.10)
0.005(0.13)max
0.012(0.30)
0.020(0.50)
1
2
3
REV:B
Maximum Ratings and Electrical Characteristics
(at Ta=25°C unless otherwise noted)
Repetitive peak reverse voltage
Reverse voltage
Forward current
Peak surge forward current
Power dissipation
Maximum forward voltage
Maximum reverse current
Maximum reverse recovery time
Maximum diode capacitance
Maximum junction temperature
Storage temperature
Units
Symbol
Parameter
VRRM
VR
IF
IFSM
PD
VF
IR
Trr
CJ
TJ
TSTG
Conditions
Value
T<1.0 sec
@IF=0.1mA
@IF=1mA
@IF=10mA
@IF=30mA
@IF=100mA
@VR=25V
IF=IR=10mA, RL=100Ω
VR=1V, f=1.0MHz
30
30
200
600
225
0.24
0.32
0.40
0.50
1.00
2
5
10
125
-55 to +125
V
V
mA
mA
mW
V
μA
nS
pF
°C
°C
Company reserves the right to improve product design , functions and reliability without notice.


Podobny numer części - CDBT-54-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDBT-54-HF COMCHIP-CDBT-54-HF Datasheet
85Kb / 3P
   Small Signal Schottky Diodes
More results

Podobny opis - CDBT-54-HF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com