Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FME002S108 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części FME002S108
Szczegółowy opis  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FME002S108 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  FME002S108 Datasheet HTML 1Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME002S108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
30
ML 12/2008
Coaxial Contacts, Mating Area Dimensions, Pin Diameter 1 mm (0.039”)
Koaxialkontakte, Abmessungen Steckbereich, Pindurchmesser 1 mm
min
max.
Modi. U*
Modi. U*
5,50
(0.217)
4,75
4,80
(0.187)
(0.189)
5,00
5,40
(0.197)
(0.213)
2,25
2,45
2,25
2,10
2,45
2,25
(0.089)
(0.096)
(0.089)
(0.083)
(0.096)
(0.089)
9,00
(0.354)
approx. 1.0
ca. 1,0
3,83
3,87
(0.151)
(0.152)
Modification U* please see page 26
Modifikation U* siehe Seite 26
1,02
0,98
(0.039)
5,50
(0.217)
4,80
(0.189)
(0.040)
0,10
(0.004)
0,50
(0.020)
ØG
D
5,40
(0.213)
9,5
(0.374)
ØH
Socket / Buchse
max.
Plug / Stecker
F
min
E
ØA
4,75
ØB
ØC
(0.187)
5,00
(0.197)
Plug
Stecker
Socket
Buchse


Podobny numer części - FME002S108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
FME0H223ZF NEC-FME0H223ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FME0H223ZF KEMET-FME0H223ZF Datasheet
54Kb / 1P
   Supercapacitors, Radial Molded, Commercial Grade, FME, 0.022 F, -20/80%, 5.5 V, Wire Leads, Lead Spacing = 5mm
FME0H223ZF-L116 KEMET-FME0H223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZF-L118 KEMET-FME0H223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0H223ZFL116 KEMET-FME0H223ZFL116 Datasheet
764Kb / 18P
   Supercapacitors FM Series
More results

Podobny opis - FME002S108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com