Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA1080-3 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części KA1080-3
Szczegółowy opis  Mechanical accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

KA1080-3 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  KA1080-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA1080-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6.6 - UL FORMULA Molded Case Circuit Breakers
3.00
76.2
1.38
35
0.41
10.5
1.00
25.4
2.00
50.8
1.38
35
50.8
FCCuAl 4-1 AWG Terminals
Caption
3 Bottom terminal covers with IP40 degree of protection (compulsory)
4 FCCuAl 4-1 AWG terminals
6 50mm insulating barriers between the terminals (compulsory) not supplied
with FCCuAl terminals kit, but with the circuit breaker in base version
7 Compartment door drilling template and fixing insulation (provided by
customer)
8 Compulsory internal 1 pole -
2 pole insulation plates (provided by customer)
3 pole
3 pole
1-2 pole
1-2 pole
1-2 pole
1-2 pole
A [mm/in]
B [mm/in]
C [mm/in]
Without flange
69/2.72
33/1.30
66/2.60
1 POLE
69/2.72
58/2.28
91/3.58
2 POLE
61*/2.40*
33/1.30
66/2.60
1 POLE
61*/2.40*
58/2.28
91/3.58
2 POLE
* Distance only possible with insulation plate max 1mm / 0.04in thick
Approximate dimensions
A1 - Circuit breaker and terminals


Podobny numer części - KA1080-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KA100M317 KEXIN-KA100M317 Datasheet
262Kb / 2P
   Three Terminal Positive Voltage Regulator
logo
Samsung semiconductor
KA100O015E-BJTT SAMSUNG-KA100O015E-BJTT Datasheet
1Mb / 92P
   MCP Specification
logo
NTE Electronics
KA1031S28 NTE-KA1031S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
KA1041S28 NTE-KA1041S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
KA1051S28 NTE-KA1051S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
More results

Podobny opis - KA1080-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com