Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4E001-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD4E001-Q1
Szczegółowy opis  4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPD4E001-Q1 Datasheet HTML 1Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 2Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 3Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 4Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 5Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 6Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 7Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 8Page - Texas Instruments TPD4E001-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GND
V
CC
1
2
6
3
5
4
DBV PACKAGE
(TOP VIEW)
IO1
IO4
IO3
IO2
TPD4E001-Q1
www.ti.com
SLLSEG0C – MARCH 2013 – REVISED JUNE 2013
4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
Check for Samples: TPD4E001-Q1
1
FEATURES
Qualified for Automotive Applications
APPLICATIONS
AEC-Q100 Qualified With the Following
Automotive Infotainment
Results:
USB 2.0
Device Temperature Grade 1: –40°C to
Ethernet
125°C Ambient Operating Temperature
Precision Analog Interface
Range
SVGA Connections
Device HBM ESD Classification Level H3B
HBM Level 15 kV
Device CDM ESD Classification Level C4B
4-Channel ESD Clamp Array to Enhance
System-Level ESD Protection
Exceeds IEC61000-4-2 (Level 4) ESD
Protection Requirements
±8-kV IEC 61000-4-2 Contact Discharge
±15-kV IEC 61000-4-2 Air-Gap Discharge
5.5-A Peak Pulse Current (8/20-µs Pulse)
Low 1.5-pF Input Capacitance
Low 10-nA (Max) Leakage Current
0.9-V to 5.5-V Supply-Voltage Range
DESCRIPTION
The TPD4E001-Q1 is a low-capacitance ESD-protection diode array designed to protect sensitive electronics
connected to communication lines. Each channel consists of a pair of diodes that steer ESD pulses to VCC or
GND. The TPD4E001-Q1 protects against ESD pulses up to ±8-kV contact discharge and ±15-kV air-gap
discharge, as specified in IEC 61000-4-2. This device has a 1.5-pF IO capacitance per channel, making it ideal
for use in high-speed data IO interfaces. The low leakage current (10 nA maximum) ensures minimum power
consumption for the system.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
DBV (SOT-23)
Reel of 3000
TPD4E001QDBVRQ1
AAXQ
(1)
For the most-current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPD4E001-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001-Q1 TI1-TPD4E001-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Podobny opis - TPD4E001-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E001 TI-TPD4E001_11 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001-Q1 TI1-TPD4E001-Q1_15 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
HYESD0514P HY-HYESD0514P Datasheet
253Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
logo
Leshan Radio Company
LRC099-04ABT1G LRC-LRC099-04ABT1G Datasheet
458Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
LRC099-04DT1G LRC-LRC099-04DT1G Datasheet
361Kb / 5P
   4-CHANNEL LOW CAPACITANCE ESD PROTECTION DIODES ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com