Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3017 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM3017
Szczegółowy opis  High Efficiency Low-Side Controller with True Shutdown
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3017 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM3017_14 Datasheet HTML 1Page - Texas Instruments LM3017_14 Datasheet HTML 2Page - Texas Instruments LM3017_14 Datasheet HTML 3Page - Texas Instruments LM3017_14 Datasheet HTML 4Page - Texas Instruments LM3017_14 Datasheet HTML 5Page - Texas Instruments LM3017_14 Datasheet HTML 6Page - Texas Instruments LM3017_14 Datasheet HTML 7Page - Texas Instruments LM3017_14 Datasheet HTML 8Page - Texas Instruments LM3017_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LM3017
www.ti.com
SNOSC66C – MARCH 2012 – REVISED MARCH 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN to PGND, AGND
–0.3
20
V
FB, COMP, VCC,DR to PGND, AGND
–0.2
6
V
EN/MODE
-0.2
5.5
V
VG
-0.3
VIN+6
V
ISEN to PGND, AGND
VIN-0.3
VIN
V
Peak low side driver output current
1.0
A
Power Dissipation
Internally Limited
Storage Temperature Range
–65
150
°C
Junction Temperature
150
°C
ESD Susceptibility, Human Body Model(3)
1.5
kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicates conditions for which
the device is intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. Test method is per JESD-22-114.
OPERATING RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage, VIN
5.4
18
V
TJ
Junction Temperature Range
–40
+125
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicates conditions for which
the device is intended to be functional, but does NOT guarantee specific performance limits. For specifications and test conditions, see
the Electrical Characteristics. The specifications apply only for the test conditions.
ELECTRICAL CHARACTERISTICS
Limits in standard type are for TJ = 25°C only; limits apply over the junction temperature (TJ) range of –40°C to +125°C.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 12V.
SYMBOLS
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VFB
Feedback Voltage
Vcomp = 1.4V
1.256
1.27
1.282
V
ΔVLINE
Feedback Voltage Line Regulation
5V
≤ Vin ≤ 18V
0.33
%
Input Under Voltage Lock-Out
Rising
4.6
4.82
4.9
V
Voltage
VUVLO
Input Under Voltage Lock-Out
Falling; below VUVLO
280
mV
Hysteresis
FSW
Nominal Switching Frequency
EN/MODE = 1.6 V
550
600
635
kHz
Low side NMOS driver resistance;
3.4
top driver FET
RDS(ON)
VIN = 5V, IDR = 0.2 A
Ω
Low side NMOS driver resistance;
1
bottom driver FET
VIN < 6 V
VIN
V
VCC
Driver Voltage Supply
VIN ≥ 6 V
5.6
Dmax
Maximum Duty Cycle
86
%
Tmin(on)
Minimum On Time
125
ns
(1)
All limits are specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperatures
are 100% production tested. All limits at temperature extremes are specified via correlation using Statistical Quality Control (SQD)
methods. All limits are used to calculate Average Outgoing Quaity Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :LM3017


Podobny numer części - LM3017_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
More results

Podobny opis - LM3017_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
SMSC Corporation
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com